Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 28Page - Cirrus Logic CS43L41 Datasheet HTML 29Page - Cirrus Logic CS43L41 Datasheet HTML 30Page - Cirrus Logic CS43L41 Datasheet HTML 31Page - Cirrus Logic CS43L41 Datasheet HTML 32Page - Cirrus Logic CS43L41 Datasheet HTML 33Page - Cirrus Logic CS43L41 Datasheet HTML 34Page - Cirrus Logic CS43L41 Datasheet HTML 35Page - Cirrus Logic CS43L41 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
CS43L41
32
DS473PP1
LRCK
SCLK
Left Channel
Right Channel
SDATA
654
3210
987
15 14 13 12 11 10
10
654
32
10
987
15 14 13 12 11 10
17 16
17 16
32 clocks
Internal SCLK Mode
External SCLK Mode
Right Justified, 18-Bit DataINT SCLK = 64 Fs if
MCLK/LRCK = 512, 256 or 128INT SCLK = 48 Fs if
MCLK/LRCK = 384 or 192
Right Justified, 18-Bit DataData Valid on Rising Edge of
SCLKSCLK Must Have at Least 36 Cycles per LRCK
Period
Figure 26. CS43L41 Format 6
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 27. De-Emphasis Curve
ΣΣ
A Channel
Volume
Control
AoutA
AoutB
Left Channel
Audio Data
Right Channel
Audio Data
B Channel
Volume
Control
MUTE
MUTE
Figure 28. ATAPI Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com