Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L56 Datasheet (PDF) - Cirrus Logic

CS42L56 Datasheet PDF - Cirrus Logic
Part # CS42L56
Download  CS42L56 Download
File Size   3215.69 Kbytes
Page   92 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Ultralow Power, Stereo Codec with Class H Headphone Amp

CS42L56 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42L56 Datasheet PDF - Cirrus Logic

Part # CS42L56
Download  CS42L56 Click to download

File Size   3215.69 Kbytes
Page   92 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Ultralow Power, Stereo Codec with Class H Headphone Amp

CS42L56 Datasheet (HTML) - Cirrus Logic


CS42L56 Product details

DIGITAL to ANALOG FEATURES
 5 mW Stereo Playback Power Consumption
 99 dB Dynamic Range (A-wtd)
 -86 dB THD+N
 Digital Signal Processing Engine
– Bass & Treble Tone Control, De-emphasis
– Master Volume Control (+12 to -102 dB in
0.5 dB steps)
– Soft-ramp & Zero-cross Transitions
– Programmable Peak-detect and Limiter
– Beep Generator with Full Tone Control
Stereo Headphone and Line Amplifiers
 Step-down/Inverting Charge Pump
 Class H Amplifier - Automatic Supply Adj.
– High Efficiency
– Low EMI
 Pseudo-differential Ground-centered Outputs
 High HP Power Output at -75 dB THD+N
– 2 x 20 mW Into 16  @ 1.8 V
 1 VRMS Line Output @ 1.8 V
 Analog Vol. Ctl. (+12 to -60 dB in 1 dB steps)
 Analog In to Analog Out Passthrough
 Pop and Click Suppression

ANALOG to DIGITAL FEATURES
 3.5 mW Stereo Record Power Consumption
 95 dB Dynamic Range (A-wtd)
 -87 dB THD+N
 Configurable Analog Inputs
– Two Pseudo-differential Stereo Inputs or
– One Pseudo-differential Stereo Inputs +
One Standard Stereo Input + One Standard
Mono Input or
– Three Standard Stereo Inputs
– Pseudo-differential Inputs Reduce
Common Mode Signal Noise
– 3:1 Stereo Input MUX for ADC or
Passthrough
 Analog Programmable Gain Amplifier (PGA)
– +12 to -6 dB in 0.5 dB steps
– +10 dB or +20 dB Additional Gain for
Microphone Inputs
 Programmable, Low-noise MIC Bias Output
 Programmable Automatic Level Control (ALC)
– Noise Gate for Noise Suppression
– Programmable Threshold &
Attack/Release Rates
 Independent ADC Channel Control
 High-pass Filter Disable for DC Measurements




Similar Part No. - CS42L56

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS42L50-KN CIRRUS-CS42L50-KN Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
More results


Similar Description - CS42L56

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L55 CIRRUS-CS42L55 Datasheet
1Mb / 73P
Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com