Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L56 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 2 Page - Cirrus Logic

  CS42L56 Datasheet HTML 1Page - Cirrus Logic CS42L56 Datasheet HTML 2Page - Cirrus Logic CS42L56 Datasheet HTML 3Page - Cirrus Logic CS42L56 Datasheet HTML 4Page - Cirrus Logic CS42L56 Datasheet HTML 5Page - Cirrus Logic CS42L56 Datasheet HTML 6Page - Cirrus Logic CS42L56 Datasheet HTML 7Page - Cirrus Logic CS42L56 Datasheet HTML 8Page - Cirrus Logic CS42L56 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
2
DS851F2
CS42L56
SYSTEM FEATURES
Audio (11.2896 MHz or 12.288 MHz) or USB
(12 MHz) Master Clock Input
Low-power Operation
– Stereo Anlg. Passthrough: 3.3 mW @1.8 V
– Stereo Rec. and Playback: 8.3 mW @1.8 V
Headphone Detect Input
High Performance 24-bit Converters
– Multi-bit Delta–Sigma Architecture
Integrated High Efficient Power Management
Reduces Power Consumption
– Step-down Charge Pump Improves
Efficiency
– Inverting Charge Pump Accommodates
Low System Voltage by Providing Negative
Rail for HP/Line Amp
– LDO Reg. Provides Low Digital Supply
Voltage
Digital Power Reduction
– Very Low ADC/DAC Oversampling Rate
– Bursted Serial Clock Providing up to 24 Bits
per Sample
Power Down Management
– ADC, DAC, CODEC, PGA, DSP
Analog & Digital Routing/Mixes
– Line/Headphone Out = Analog In (ADC
Bypassed)
– Line/Headphone Out = ADC Out
– Internal Digital Loopback
– Mono Mixes
I²C or SPI™ Control Port
I²S or Left-justified Digital Interface Format
Flexible Clocking Options
– Master or Slave Operation
– Wide Range of Sample Rates Supported
APPLICATIONS
HDD and Flash-based Portable Audio Players
PDAs
Personal Media Players
Portable Game Consoles
Digital Voice Recorders
MD Players/Recorders
Digital Camcorders
Digital Cameras
Smart Phones
GENERAL DESCRIPTION
The CS42L56 is a highly integrated, 24-bit, ultra-low-
power stereo CODEC based on multi-bit delta-sigma
modulation. Both the ADC and DAC offer many features
suitable for low power portable system applications.
The analog input path allows independent channel
control of a variety of features. The Programmable Gain
Amplifier (PGA) provides analog gain with zero cross
transitions. The ADC path includes a digital volume at-
tenuator with soft ramp transitions and a programmable
ALC and noise gate monitor the input signals and adjust
the volume appropriately. An analog passthrough also
exists, accommodating a lower noise, lower power ana-
log in to analog out path to the headphone and line
amplifiers, bypassing the ADC and DAC.
The DAC output path includes a fixed-function digital
signal processing engine. Tone control provides bass
and treble adjustment at four selectable corner frequen-
cies. The digital mixer provides independent volume
control for both the ADC output and PCM input signal
paths, as well as a master volume control. Digital vol-
ume controls may be configured to change on soft ramp
transitions while the analog controls can be configured
to occur on every zero crossing. The DAC path also in-
cludes de-emphasis, limiting functions and a beep
generator delivering tones selectable across a range of
two full octaves.
The Class H stereo headphone amplifier combines the
efficiency of an integrated step-down and inverting
charge pump with the linearity and low EMI of a Class
AB amplifier. A step-down/inverting charge pump oper-
ates in two modes: ±VCP mode or ±VCP/2) mode.
Based on the amplifier’s output signal, internal logic au-
tomatically adjusts the output of the charge pump,
+VHPFILT and –VHPFILT, to optimize efficiency. With
these features, the amplifier delivers a ground-centered
output with a large signal swing even at low voltages
and eliminates the need for external DC-blocking
capacitors.
These features make the CS42L56 the ideal solution for
portable applications which require extremely low pow-
er consumption in a minimal amount of space.
The CS42L56 is available in a 40-pin QFN package for
the Commercial (-40 to +85° C) grade. The CDB42L56
Customer Demonstration board is also available for de-
vice evaluation and implementation suggestions.
Please see “Ordering Information” on page 93 for com-
plete details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com