Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L56 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 70Page - Cirrus Logic CS42L56 Datasheet HTML 71Page - Cirrus Logic CS42L56 Datasheet HTML 72Page - Cirrus Logic CS42L56 Datasheet HTML 73Page - Cirrus Logic CS42L56 Datasheet HTML 74Page - Cirrus Logic CS42L56 Datasheet HTML 75Page - Cirrus Logic CS42L56 Datasheet HTML 76Page - Cirrus Logic CS42L56 Datasheet HTML 77Page - Cirrus Logic CS42L56 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
74
DS851F2
CS42L56
6.23.3 ADC x Input Select
Selects the specified analog input signal into ADCx.
Note:
Pseudo-differential inputs are not available when the PGA is bypassed. Use the AINx_REF bits
(Analog Input 1 x Reference Configuration and “Analog Input 1 x Reference Configuration” on page 74)
to properly configure the input channel.
6.24 HPF Control (Address 1Bh)
6.24.1 ADCx High-Pass Filter
Configures the internal high-pass filter after ADCx.
6.24.2 ADCx High-Pass Filter Freeze
Configures the high pass filter’s digital DC subtraction and/or calibration after ADCx.
6.24.3 HPF x Corner Frequency
Sets the corner frequency (-3 dB point) for the internal High-Pass Filter (HPF).
ADCxMUX[1:0]
Selected Input to ADCx
00
PGAx - Use PGAxMUX bit (“PGA x Input Select” on page 77) to select an input channel.
01
AIN1x; PGA is bypassed.
10
AIN2x; PGA is bypassed.
11
AIN3x; PGA is bypassed.
76
543
21
0
HPFB
HPFRZB
HPFA
HPFRZA
HPFB_CF1
HPFB_CF0
HPFA_CF1
HPFA_CF0
HPFx
High Pass Filter Status
0
Disabled
1
Enabled
HPFRZx
High Pass Filter Digital Subtraction
0
Continuous DC Subtraction
1
Frozen DC Subtraction
HPFx_CF[1:0]
HPF Corner Frequency Setting (Fs=48 kHz)
00
1.8 Hz
01
119 Hz
10
236 Hz
11
464 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com