Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L56 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 78Page - Cirrus Logic CS42L56 Datasheet HTML 79Page - Cirrus Logic CS42L56 Datasheet HTML 80Page - Cirrus Logic CS42L56 Datasheet HTML 81Page - Cirrus Logic CS42L56 Datasheet HTML 82Page - Cirrus Logic CS42L56 Datasheet HTML 83Page - Cirrus Logic CS42L56 Datasheet HTML 84Page - Cirrus Logic CS42L56 Datasheet HTML 85Page - Cirrus Logic CS42L56 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
82
DS851F2
CS42L56
6.34 Automute, Line & HP MUX (Address 27h)
6.34.1 Auto Mute
Configures the state of the auto mute feature. When enabled, the analog outputs will mute after 4096 con-
secutive zeros or ones from SDIN.
6.34.2 Line Input Select
Selects the specified analog input signal into line amplifier x.
Note:
The PGA path must not be selected while the Line Amplifier is powered down.
6.34.3 Headphone Input Select
Selects the specified analog input signal into headphone amplifier x.
Note:
The PGA path must not be selected while the Headphone Amplifier is powered down.
6.35 Headphone Volume Control: HPA (Address 28h) & HPB (Address 29h)
6.35.1 Headphone Channel x Mute
Configures an analog mute on the headphone amplifier.
7
6
5
4
3
210
AMUTE
Reserved
Reserved
Reserved
LINEBMUX
LINEAMUX
HPBMUX
HPAMUX
AMUTE
Auto Mute Configuration
0
Auto Mute Disabled
1
Auto Mute Enabled. The analog outputs will mute after 4096 consecutive words of all zeros or ones from
SDIN.
LINExMUX
Selected Input to Line Amplifier Ch. x
0
DACx
1
PGAx - Use PGAxMUX bit (“PGA x Input Select” on page 77) to select an input channel.
HPxMUX
Selected Input to HP Amplifier Ch. x
0
DACx
1
PGAx - Use PGAxMUX bit (“PGA x Input Select” on page 77) to select an input channel.
76
543
21
0
HPxMUTE
HPxVOL6
HPxVOL5
HPxVOL4
HPxVOL3
HPxVOL2
HPxVOL1
HPxVOL0
HPxMUTE
HP Amp Mute
0
Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com