Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L56 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 62Page - Cirrus Logic CS42L56 Datasheet HTML 63Page - Cirrus Logic CS42L56 Datasheet HTML 64Page - Cirrus Logic CS42L56 Datasheet HTML 65Page - Cirrus Logic CS42L56 Datasheet HTML 66Page - Cirrus Logic CS42L56 Datasheet HTML 67Page - Cirrus Logic CS42L56 Datasheet HTML 68Page - Cirrus Logic CS42L56 Datasheet HTML 69Page - Cirrus Logic CS42L56 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
66
DS851F2
CS42L56
6.12 DSP Mute Controls (Address 0Ch)
6.12.1 ADC Mixer Channel x Mute
Configures a digital mute on the ADC mix in the DSP Engine.
6.12.2 PCM Mixer Channel x Mute
Configures a digital mute on the PCM mix from the serial data input (SDIN) to the DSP Engine.
6.12.3 Master Playback Mute
Configures a digital mute on the master volume control for channel x.
6.13 ADCx Mixer Volume: ADCA (Address 0Dh) & ADCB (Address 0Eh)
6.13.1 ADC Mixer Channel x Volume
Sets the volume/gain of the ADC mix in the DSP Engine.
76
543
21
0
AMIXBMUTE
AMIXAMUTE
PMIXBMUTE
PMIXAMUTE
Reserved
Reserved
MSTBMUTE
MSTAMUTE
AMIXxMUTE
ADC Mixer Mute
0
Disabled
1
Enabled
PMIXxMUTE
PCM Mixer Mute
0
Disabled
1
Enabled
MSTxMUTE
Master Mute
0
Not muted.
1
Muted
7
654
32
10
AMIXxVOL7
AMIXxVOL6
AMIXxVOL5
AMIXxVOL4
AMIXxVOL3
AMIXxVOL2
AMIXxVOL1
AMIXxVOL0
AMIXxVOL[7:0]
Volume
0111 1111
+12 dB
...
...
0001 1000
+12 dB
...
...
0000 0001
+0.5 dB
0000 0000
0 dB
1111 1111
-0.5 dB
...
...
1000 1000
-60.0 dB
1000 0111
Mute
...
...
1000 0000
Mute
Step Size:
0.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com