Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L56 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 9Page - Cirrus Logic CS42L56 Datasheet HTML 10Page - Cirrus Logic CS42L56 Datasheet HTML 11Page - Cirrus Logic CS42L56 Datasheet HTML 12Page - Cirrus Logic CS42L56 Datasheet HTML 13Page - Cirrus Logic CS42L56 Datasheet HTML 14Page - Cirrus Logic CS42L56 Datasheet HTML 15Page - Cirrus Logic CS42L56 Datasheet HTML 16Page - Cirrus Logic CS42L56 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
DS851F2
13
CS42L56
Note 1
Note 2
2.2 µF
Note 1
1 µF
GND/Thermal Pad
VL
0.1 µF
+1.65 V to +3.63 V
RESET
Rp
LRCK
MCLK
SCLK
2.2 µF
+VHPFILT
VDFILT
LINEREF
SDIN
SDOUT
AIN1A
1800 pF
1800 pF
100 k
100
AIN1B
*
*
Digital Audio
Processor
FLYC
FLYN
-VHPFILT
2.2 µF
1 µF
1 µF
100 k
100
2.2 µF **
**
VCP
LINEOUTA
LINEOUTB
0.1 µF
VA
+1.65 V to +2.75 V
0.1 µF
VLDO
2.2 µF
VQ
AGND
NPO /C0G dielectric capacitors.
1000 pF
AFILTA
AFILTB
1000 pF
2.2 µF
**
HPOUTB
HPOUTA
Headphone Out
Left & Right
33
0.1 µF
HPDETECT
33
0.1 µF
47 k
HPREF
FILT+
+1.65 V to +2.75 V
FLYP
2.2 µF **
**
**
Note 1
Notes:
1. The headphone amplifier’s output power and distortion are rated using the nominal capacitance shown. Larger capacitance
reduces the ripple on the internal amplifiers’ supplies and in turn reduces the amplifier’s distortion at high output power levels.
Smaller capacitance may not sufficiently reduce ripple to achieve the rated output power and distortion.Since the actual value
of typical X7 R/X5R ceramic capacitors deviates from the nominal value by a percentage specified in the manufacturer’s data
sheet, capacitors should be selected based on the minimum output power and maximum distortion required.
2. The headphone amplifier’s output power and distortion are rated using the nominal capacitance shown and using the default
charge pump switching frequency. The required capacitance follows an inverse relationship with the charge pump’s switching
frequency. When increasing the switching frequency, the capacitance may decrease; when lowering the switching frequency,
the capacitance must increase. Since the actual value of typical X7R/X5 R ceramic capacitors deviates from the nominal value
by a percentage specified in the manufacturer’s data sheet, capacitors should be selected based on the minimum output
power, maximum distortion and maximum charge pump switching frequency required.
3. Additional bulk capacitance may be added to improve PSRR at low frequencies.
4. These capacitors serve as a charge reservoir for the internal switched capacitor ADC modulators and should be placed as
close as possible to the inputs. They are only needed when the PGA (Programmable Gain Amplifier ) is bypassed.
5. The value of RL, a current-limiting resistor used with electret condenser microphones, is dictated by the microphone
cartridge.
6. The negative terminal of the microphone inputs connects to the ground pin of the microphone cartridge. Gain is applied only
to the positive terminal.
Note 4
Note 3
Rp
*
Low ESR, X7R/X5R dielectric capacitors.
**
**
**
**
**
**
**
**
**
**
**
562
562
3300 pF
Rext
Rext
LPF is Optional
Line Level Out
Left & Right
3300 pF
*
*
SCL\CCLK
SDA\CDIN
AD0\CS
AIN2A
1800 pF
1800 pF
100 k
100
AIN2B
*
*
1 µF
1 µF
100 k
100
Note 4
**
**
Microphone 1
MICBIAS
RL
1 µF
AIN3A
AIN3B
Microphone 2
RL
1 µF
1 µF
Note 5
Note 6
Left Analog
Input 1
Right Analog
Input 1
Left Analog
Input 2
Right Analog
Input 2
TSTN
TSTN
Figure 3. Typical Connection Diagram - Six Single-Ended Analog Inputs
CS42L56
Notes:
1. The headphone amplifier’s output power and distortion are rated using the nominal capacitance shown. Larger capacitance reduces the ripple on the internal
amplifiers’ supplies and in turn reduces the amplifier’s distortion at high output power levels. Smaller capacitance may not sufficiently reduce ripple to achieve the
rated output power and distortion. Since the actual value of typical X7R/X5R ceramic capacitors deviates from the nominal value by a percentage specified in the
manufacturer’s data sheet, capacitors should be selected based on the minimum output power and maximum distortion required.
2. The headphone amplifier’s output power and distortion are rated using the nominal capacitance shown and using the default charge pump switching frequency.
The required capacitance follows an inverse relationship with the charge pump’s switching frequency. When increasing the switching frequency, the capacitance
may decrease; when lowering the switching frequency, the capacitance must increase. Since the actual value of typical X7R/X5R ceramic capacitors deviates
from the nominal value by a percentage specified in the manufacturer’s data sheet, capacitors should be selected based on the minimum output power, maximum
distortion and maximum charge pump switching frequency required.
3. Additional bulk capacitance may be added to improve PSRR at low frequencies.
4. These capacitors serve as a charge reservoir for the internal switched capacitor ADC modulators and should be placed as close as possible to the inputs. They
are only needed when the PGA (Programmable Gain Amplifier) is bypassed.
5. The value of RL, a current-limiting resistor used with electret condenser microphones, is dictated by the microphone cartridge.
6. The negative terminal of the microphone inputs connects to the ground pin of the microphone cartridge. Gain is applied only to the positive terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com