Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L56 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 17Page - Cirrus Logic CS42L56 Datasheet HTML 18Page - Cirrus Logic CS42L56 Datasheet HTML 19Page - Cirrus Logic CS42L56 Datasheet HTML 20Page - Cirrus Logic CS42L56 Datasheet HTML 21Page - Cirrus Logic CS42L56 Datasheet HTML 22Page - Cirrus Logic CS42L56 Datasheet HTML 23Page - Cirrus Logic CS42L56 Datasheet HTML 24Page - Cirrus Logic CS42L56 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
DS851F2
21
CS42L56
ANALOG PASSTHROUGH CHARACTERISTICS
Test Conditions (unless otherwise specified): Connections to the CS42L56 are shown in the “Typical Connection Diagrams” on
page 11; Input test signal is a 1 kHz sine wave through the passive input filter shown in Figure 1, PGA and HP/Line gain = 0 dB;
All Supplies = VA, VCP Mode; GND = AGND = 0 V; TA = +25C; Measurement bandwidth is 20 Hz to 20 kHz; Sample Fre-
quency = 48 kHz; Measurement signal path is AINxx to HPOUTx or LINEOUTx.
COMBINED DAC INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
VA = 2.5 V
VA = 1.8 V
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Analog In to HP Amp (ADC is powered down)
RL = 10 k(+2 dB Output Analog Gain) (Note 14)
Dynamic Range
A-weighted
unweighted
-
-
94
91
-
-
-
-
91
88
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 16)
-1 dB
-20 dB
-60 dB
-
-
-
-70
-71
-31
-
-
-
-
-
-
-80
-68
-28
-
-
-
dB
dB
dB
Full-scale Input Voltage
(Note 8)
-
0.80•VA
-
-
0.80•VA
-
Vpp
Full-scale Output Voltage
(Note 17)
-
0.93•VA
-
-
0.93•VA
-
Vpp
Frequency Response
-
0/-0.3
-
-
0/-0.3
-
dB
RL = 16 (-4 dB Output Analog Gain) (Note 14)
Dynamic Range
A-weighted
unweighted
-
-
94
91
-
-
-
-
91
88
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 16)
-1 dB
-20 dB
-60 dB
-
-
-
-70
-71
-31
-
-
-
-
-
-
-80
-68
-28
-
-
-
dB
dB
dB
Full-scale Input Voltage
(Note 8)
-
0.80•VA
-
-
0.80•VA
-
Vpp
Output Power
(Note 16)
-12-
-
6.5
-
mW
Frequency Response
-
0/-0.3
-
-
0/-0.3
-
dB
Analog In to Line Amp (ADC is powered down)
RL = 10 k(+2 dB Output Analog Gain) (Note 14)
Dynamic Range
A-weighted
unweighted
-
-
94
91
-
-
-
-
91
88
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 16)
-1 dB
-20 dB
-60 dB
-
-
-
-70
-71
-31
-
-
-
-
-
-
-80
-68
-28
-
-
-
dB
dB
dB
Full-scale Input Voltage
(Note 8)
-
0.80•VA
-
-
0.80•VA
-
Vpp
Full-scale Output Voltage
(Note 17)
-
0.89•VA
-
-
0.89•VA
-
Vpp
Frequency Response
-
0/-0.3
-
-
0/-0.3
-
dB
Parameter (Note 18)
Min
Typ
Max
Unit
Frequency Response 20 Hz to 20 kHz
Fs = 48.000 kHz
Fs = 44.118 kHz
-0.007
-0.081
-
-
+0.007
+0.081
dB
dB
Passband
to -0.05 dB corner
to -3 dB corner
-
-
0.48
0.49
-
-
Fs
Fs
Stopband
0.55
-
-
Fs
Stopband Attenuation
(Note 19)
49
-
-
dB
Total Group Delay
-
6.5/Fs
-
s
De-emphasis Error
Fs = 44.118 kHz
-
-
+0.05/-0.25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com