Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L56 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 64Page - Cirrus Logic CS42L56 Datasheet HTML 65Page - Cirrus Logic CS42L56 Datasheet HTML 66Page - Cirrus Logic CS42L56 Datasheet HTML 67Page - Cirrus Logic CS42L56 Datasheet HTML 68Page - Cirrus Logic CS42L56 Datasheet HTML 69Page - Cirrus Logic CS42L56 Datasheet HTML 70Page - Cirrus Logic CS42L56 Datasheet HTML 71Page - Cirrus Logic CS42L56 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
68
DS851F2
CS42L56
6.15 Analog Input Advisory Volume (Address 11h)
6.15.1 Analog Input Advisory Volume
Defines the maximum analog input volume level used by the class H controller to determine the appropri-
ate supply for the HP and Line amplifiers.
6.16 Digital Input Advisory Volume (Address 12h)
6.16.1 Digital Input Advisory Volume
Defines the maximum digital input volume level used by the class H controller to determine the appropri-
ate supply for the HP and Line amplifiers.
Note:
Between the headphone and line, the final output voltage from the charge pump is dictated by
the highest required advisory volume. When any respective amplifier is powered down, the charge pump’s
voltage automatically adjusts to the appropriate level.
76
543
21
0
AINADV7
AINADV6
AINADV5
AINADV4
AINADV3
AINADV2
AINADV1
AINADV0
AINADV[7:0]
Defined Input Volume
0001 1000
Reserved
···
···
0000 0001
Reserved
0000 0000
0 dB
1111 1111
-0.5 dB
1111 1110
-1.0 dB
···
···
0011 0100
-102 dB
···
···
0001 1001
-102 dB
Step Size:
0.5 dB
76
543
21
0
DINADV7
DINADV6
DINADV5
DINADV4
DINADV3
DINADV2
DINADV1
DINADV0
DINADV[7:0]
Defined Input Volume
0001 1000
Reserved
···
···
0000 0001
Reserved
0000 0000
0 dB
1111 1111
-0.5 dB
1111 1110
-1.0 dB
···
···
0011 0100
-102 dB
···
···
0001 1001
-102 dB
Step Size:
0.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com