Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 5 Page - Cirrus Logic

  CS42L50 Datasheet HTML 1Page - Cirrus Logic CS42L50 Datasheet HTML 2Page - Cirrus Logic CS42L50 Datasheet HTML 3Page - Cirrus Logic CS42L50 Datasheet HTML 4Page - Cirrus Logic CS42L50 Datasheet HTML 5Page - Cirrus Logic CS42L50 Datasheet HTML 6Page - Cirrus Logic CS42L50 Datasheet HTML 7Page - Cirrus Logic CS42L50 Datasheet HTML 8Page - Cirrus Logic CS42L50 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
CS42L50
DS544PP1
5
1.
CHARACTERISTICS/SPECIFICATIONS
ANALOG INPUT CHARACTERISTICS (T
A = 25° C; GND = 0 V Logic "1" = VL = 1.8 V; Logic "0" =
GND = 0 V; MCLK = 12.288 MHz; Fs for Single Speed Mode = 48 kHz, SCLK = 3.072 MHz, Fs for Double Speed
Mode = 96 kHz, SCLK = 6.144 MHz; Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise specified. Input is
997Hz sine wave.)
Parameter
Symbol
Single Speed Mode Double Speed Mode
Unit
Min
Typ
Max
Min
Typ
Max
Analog Input Characteristics for VA = 1.8 V
Dynamic Range
A-weighted
unweighted
TBD
TBD
93
90
-
-
TBD
TBD
94
91
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
-1 dB
-20 dB
-60 dB
16-Bit
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-88
-70
-30
-86
-68
-28
TBD
-
-
-
-
-
-
-
-
-
-
-
-88
-71
-31
-86
-68
-28
TBD
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Dynamic Range (PGA on)*
0 dB Gain
A-weighted
unweighted
12 dB Gain
A-weighted
unweighted
-
-
-
-
90
87
85
82
-
-
-
-
-
-
-
-
89
86
86
83
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (PGA on)*
(Note 1)
0 dB Gain, 18 to 24-Bit
-1 dB
12 dB Gain, 18 to 24-Bit
-1 dB
THD+N
-
-
85
83
-
-
-
-
84
82
-
-
dB
dB
Analog Input Characteristics for VA = 3.0 V
Dynamic Range
A-weighted
unweighted
TBD
TBD
96
93
-
-
TBD
TBD
98
95
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
-1 dB
-20 dB
-60 dB
16-Bit
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-88
-73
-33
-86
-68
-28
TBD
-
-
-
-
-
-
-
-
-
-
-
-85
-75
-35
-83
-65
-28
TBD
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Dynamic Range (PGA on)*
0 dB Gain
A-weighted
unweighted
12 dB Gain
A-weighted
unweighted
-
-
-
-
93
90
88
85
-
-
-
-
-
-
-
-
92
89
89
86
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (PGA on)*
(Note 1)
0 dB Gain, 18 to 24-Bit
-1 dB
12 dB Gain, 18 to 24-Bit
-1 dB
THD+N
-
-
78
73
-
-
-
-
77
76
-
-
dB
dB
*PGA : Programmable Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com