Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 21Page - Cirrus Logic CS42L50 Datasheet HTML 22Page - Cirrus Logic CS42L50 Datasheet HTML 23Page - Cirrus Logic CS42L50 Datasheet HTML 24Page - Cirrus Logic CS42L50 Datasheet HTML 25Page - Cirrus Logic CS42L50 Datasheet HTML 26Page - Cirrus Logic CS42L50 Datasheet HTML 27Page - Cirrus Logic CS42L50 Datasheet HTML 28Page - Cirrus Logic CS42L50 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
CS42L50
DS544PP1
25
4.2.8 Channel A Analog Headphone Attenuation Control (address 02h) (HVOLA)
4.2.9 Channel B Analog Headphone Attenuation Control (address 03h) (HVOLB)
Default = 0 dB (No attenuation)
Function:
The Analog Headphone Attenuation Control operates independently from the Digital Volume Control. The
Analog Headphone Attenuation Control registers allow attenuation of the headphone output signal for
each channel in 1 dB increments from 0 to -25 dB. Attenuation settings are decoded using a 2’s comple-
ment code, as shown in Table 1. The volume changes are implemented as dictated by the Soft and Zero
Cross bits in the Power and Muting Control register. All volume settings greater than zero are interpreted
as zero.
Note:
The Analog Headphone Attenuation only affects the headphone outputs. When set for levels
greater than -10dB, the actual attenuation deviates from the register setting by more than 1 dB.
4.2.10 Channel A Digital Volume Control (address 04h) (DVOLA)
4.2.11 Channel B Digital Volume Control (address 05h) (DVOLB)
Default = 0 dB (No attenuation)
Function:
The Digital Volume Control registers allow independent control of the signal levels in 1 dB increments
from +18 to -96 dB. Volume settings are decoded using a 2’s complement code, as shown in Table 2.
The volume changes are implemented as dictated by the Soft and Zero Cross bits in the Power and Mut-
ing Control register. All volume settings less than -96 dB are equivalent to muting the channel via the
ATAPI bits (see Section 4.46).
Note:
The digital volume control affects both the line outputs and the headphone outputs. Setting this
register to values greater than +18 dB will cause distortion in the audio outputs.
765
4321
0
HVOLx7
HVOLx6
HVOLx5
HVOLx4
HVOLx3
HVOLx2
HVOLx1
HVOLx0
000
0000
0
Binary Code
Decimal Value
Volume Setting
00000000
0
0 dB
11110110
-10
-10 dB
11110001
-15
-15 dB
Table 1. Example Analog Volume Settings
765
4321
0
DVOLx7
DVOLx6
DVOLx5
DVOLx4
DVOLx3
DVOLx2
DVOLx1
DVOLx0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com