Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 28Page - Cirrus Logic CS42L50 Datasheet HTML 29Page - Cirrus Logic CS42L50 Datasheet HTML 30Page - Cirrus Logic CS42L50 Datasheet HTML 31Page - Cirrus Logic CS42L50 Datasheet HTML 32Page - Cirrus Logic CS42L50 Datasheet HTML 33Page - Cirrus Logic CS42L50 Datasheet HTML 34Page - Cirrus Logic CS42L50 Datasheet HTML 35Page - Cirrus Logic CS42L50 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
CS42L50
32
DS544PP1
Analog
Input/Output
AIN_Rx
AIN_Lx
4, 5,
7,8
Analog Inputs
(Input) - The full scale analog input level is specified in the Analog Input Characteristics
specification table.
AOUTL
AOUTR
15,
16
Analog Outputs
(Output) - The full scale analog line output level is specified in the Analog Output Char-
acteristics specifications table.
HP_A
HP_B
12,
14
Headphone Outputs
(Output) - The full scale analog headphone output level is specified in the Analog
Output Characteristics specifications table.
Control Port
Interface
SCL
27 Serial Control Port Clock (Input) - Serial clock for the serial control port. Requires an external pull-up
resistor to the logic interface voltage as shown in the Typical Connection Diagram.
SDA
26 Serial Control Data (Input/Output) - SDA is a data I/O line and requires an external pull-up resistor to
the logic interface voltage, as shown in the Typical Connection Diagram.
Control & Misc.
AFLTR
AFLTL
1,2 Anti-Aliasing Capacitors (Output) - Anti-aliasing capacitors for the left and right channels. An external
capacitor is required from AFLTR and AFLTL to ground, as shown in the Typical Connections Diagram.
AFLTR and AFLTL are not intended to supply external current, and any current drawn from these pins
will alter device performance.
FILT+_ADC
3
Positive Voltage Reference
(Output) - Positive reference voltage for the internal sampling circuits.
Requires the capacitive decoupling to AGND as shown in the Typical Connection Diagram.
FILT+_DAC
10 Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
Requires the capacitive decoupling to AGND as shown in the Typical Connection Diagram.
MUTEC
17 Mute Control (Output) - The Mute Control pin goes low during power-up initialization, reset, muting,
power-down or if the master clock to left/right clock frequency ratio is incorrect. This pin is intended to be
used as a control for an external mute circuit to prevent the clicks and pops that can occur in any single
supply system. The use of an external mute circuit is not mandatory but may be desired for designs
requiring the absolute minimum in extraneous clicks and pops.
RST
28 Reset (Input) - The device enters a low power mode and all internal registers are reset to their default
settings when low. When high, the control port becomes operational and the CP_EN bits must be set and
the PDN bits must be cleared before normal operation will occur. The control port cannot be accessed
when Reset is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com