Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 20Page - Cirrus Logic CS42L50 Datasheet HTML 21Page - Cirrus Logic CS42L50 Datasheet HTML 22Page - Cirrus Logic CS42L50 Datasheet HTML 23Page - Cirrus Logic CS42L50 Datasheet HTML 24Page - Cirrus Logic CS42L50 Datasheet HTML 25Page - Cirrus Logic CS42L50 Datasheet HTML 26Page - Cirrus Logic CS42L50 Datasheet HTML 27Page - Cirrus Logic CS42L50 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
CS42L50
24
DS544PP1
Ramped Digital and Analog
Soft Ramp allows digital level changes, both muting and attenuation, to be implemented by incrementally
ramping, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock pe-
riods. Analog level changes will occur in 1 dB steps on a signal zero crossing. The analog level change
will occur after a timeout period of 512 sample periods (10.7 ms at 48 kHz sample rate) if the signal does
not encounter a zero crossing. The zero cross function is independently monitored and implemented for
each channel.
Note:
Ramped Digital and Analog is not available in Double Speed Mode.
4.2.4 POWER DOWN HEADPHONE AMPLIFIER (PDNHP)
Default = 0
0 - Disabled
1 - Enabled
Function:
The headphone amplifier will independently enter a low-power state when this function is enabled.
4.2.5 POWER DOWN LINE AMPLIFIER (PDNLN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The line output amplifier will independently enter a low-power state when this function is enabled.
4.2.6 POWER DOWN (PDN)
Default = 1
0 - Disabled
1 - Enabled
Function:
The entire DAC device will enter a low-power state when this function is enabled, and the contents of the
control registers are retained in this mode. The power-down bit defaults to ‘enabled’ on power-up and
must be disabled before normal operation will begin.
4.2.7 CONTROL PORT ENABLE (CP_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The DAC will enter control port mode when this bit is enabled. This bit must be set prior to writing to the
control port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com