Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 12Page - Cirrus Logic CS42L50 Datasheet HTML 13Page - Cirrus Logic CS42L50 Datasheet HTML 14Page - Cirrus Logic CS42L50 Datasheet HTML 15Page - Cirrus Logic CS42L50 Datasheet HTML 16Page - Cirrus Logic CS42L50 Datasheet HTML 17Page - Cirrus Logic CS42L50 Datasheet HTML 18Page - Cirrus Logic CS42L50 Datasheet HTML 19Page - Cirrus Logic CS42L50 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
CS42L50
16
DS544PP1
3. REGISTER QUICK REFERENCE
ADC (Address = 0010000)
DAC (Address = 0010001)
Addr
Function
7
6
5
4
3
2
1
0
0h
Reserved
Reserved Reserved
Reserved
Reserved Reserved Reserved Reserved
Reserved
default
00
0
0
0
0
0
0
1h
I/O and Power
Control
Reserved
BOOST
AINMUX1 AINMUX0 Reserved Reserved
PDN
CP_EN
default
00
0
00
01
0
2h
Interface Control
Reserved MCLKDIV
RATIO1
RATIO0
MASTER
DIF2
DIF1
DIF0
default
00
0
0
0
0
0
0
3h
Analog I/O Control
MUTEL
MUTER
SZC1
SZC0
Reserved
INDVC
L=R
HPFREEZE
default
00
1
1
0
0
0
0
4h
Left Channel Digital
Volume Control
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
default
00
0
0
0
0
0
0
5h
Right Channel Digital
Volume Control
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
default
00
0
0
0
0
0
0
6h
Analog Gain Control
LVOL3
LVOL2
LVOL1
LVOL0
RVOL3
RVOL2
RVOL1
RVOL0
default
00
0
0
0
0
0
0
7h
Clip Detection Status
Reserved Reserved
Reserved
Reserved Reserved Reserved
CLIP_L
CLIP_R
default
00
0
0
0
0
0
0
Addr
Function
7
6
5
4
3
2
1
0
0h
Reserved
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
default
000
000
00
1h
Power and Muting
Control
AMUTE
SZC1
SZC0
Reserved
PDNHP
PDNLN
PDN
CP_EN
default
11
0
100
10
2h
Channel A Analog
Headphone
Attenuation Control
HVOLA7
HVOLA6
HVOLA5
HVOLA4
HVOLA3
HVOLA2
HVOLA1
HVOLA0
default
000
000
00
3h
Channel B Analog
Headphone
Attenuation Control
HVOLB7
HVOLB6
HVOLB5
HVOLB4
HVOLB3
HVOLB2
HVOLB1
HVOLB0
default
000
000
00
4h
Channel A Digital
Volume Control
DVOLA7
DVOLA6
DVOLA5
DVOLA4
DVOLA3
DVOLA2
DVOLA1
DVOLA0
default
000
000
00
5h
Channel B Digital
Volume Control
DVOLB7
DVOLB6
DVOLB5
DVOLB4
DVOLB3
DVOLB2
DVOLB1
DVOLB0
default
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com