Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 2Page - Cirrus Logic CS42L50 Datasheet HTML 3Page - Cirrus Logic CS42L50 Datasheet HTML 4Page - Cirrus Logic CS42L50 Datasheet HTML 5Page - Cirrus Logic CS42L50 Datasheet HTML 6Page - Cirrus Logic CS42L50 Datasheet HTML 7Page - Cirrus Logic CS42L50 Datasheet HTML 8Page - Cirrus Logic CS42L50 Datasheet HTML 9Page - Cirrus Logic CS42L50 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
CS42L50
6
DS544PP1
Analog Input Characteristics for VA = 1.8 - 3.3V
Interchannel Isolation
1 kHz
-
90
-
-
90
-
dB
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Offset Error
(with HPF Active)
-
-
0
-
-
0
LSB
Full Scale Input Voltage
TBD VA/3.6 TBD
TBD VA/3.6 TBD
Vrms
Gain Drift
-
100
-
-
100
-
ppm/°C
Input Resistance
10
-
-
10
-
-
k
Ω
Input Capacitance
-
-
15
-
-
15
pF
Programmable Gain Characteristics
Gain Step Size
-
1.0
-
-
1.0
-
dB
Absolute Gain Step Error
-
-
TBD
-
-
TBD
dB
A/D Decimation Filter Characteristics (Note 2)
Passband
(Note 3)
0
-
23.5
0
-
47.5
kHz
Passband Ripple
-0.08
-
+0.17 -0.09
-
0
dB
Stopband
(Note 3)
27.5
-
-
64.1
-
-
kHz
Stopband Attenuation
(Note 4)
-60.3
-
-
-48.4
-
-
dB
Group Delay (Fs = Output Sample Rate)(Note 5)
tgd
-
10/Fs
-
-
2.7/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
-
-
0.03
-
-
0.007
µs
High Pass Filter Characteristics
Frequency Response
-3 dB
(Note 2)
-0.1 dB
-
-
3.7
24.2
-
-
-
-
3.7
24.2
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 2)
-
10
-
-
10
-
Degree
Passband Ripple
(Note 2)
-
-
0.17
-
-
0.09
dB
Parameter
Symbol
Single Speed Mode Double Speed Mode
Unit
Min
Typ
Max
Min
Typ
Max
*PGA : Programmable Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com