Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 3Page - Cirrus Logic CS42L50 Datasheet HTML 4Page - Cirrus Logic CS42L50 Datasheet HTML 5Page - Cirrus Logic CS42L50 Datasheet HTML 6Page - Cirrus Logic CS42L50 Datasheet HTML 7Page - Cirrus Logic CS42L50 Datasheet HTML 8Page - Cirrus Logic CS42L50 Datasheet HTML 9Page - Cirrus Logic CS42L50 Datasheet HTML 10Page - Cirrus Logic CS42L50 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
CS42L50
DS544PP1
7
ANALOG OUTPUT CHARACTERISTICS (T
A = 25° C; Logic "1" = VL = 1.8 V; Logic "0" =
GND = 0 V; Full-Scale Output Sine Wave, 997 Hz; MCLK = 12.288 MHz; Measurement Bandwidth 10 Hz to
20 kHz, unless otherwise specified; Fs for Single Speed Mode = 48 kHz, SCLK = 3.072 MHz. Fs for Double Speed
Mode = 96 kHz, SCLK = 6.144 MHz. Test load RL =10kΩ, CL = 10 pF (see Figure 23) for line out, RL =16 Ω,
CL = 10 pF (see Figure 24) for headphone out.
Notes: 1. Referenced to typical full-scale input voltage.
2. Filter response is not tested but is guaranteed by design.
3. Filter characteristics scale with output sample rate. For output sample rates, Fs, other than 48 kHz, the
0.01 dB passband edge is 0.4535x Fs and the stopband edge is 0.625x Fs.
4. The analog modulator samples the input at 6.144 MHz for an Fs equal to 48 kHz. There is no rejection
of input signals which are multiples of the sampling frequency ( n x 6.144 MHz ±21.8 kHz where
n = 0,1,2,3...).
5. Group delay for Fs = 48 kHz, tgd = 10/48 kHz = 208 µs.
6. One-half LSB of triangular PDF dither is added to data.
Parameter
Single Speed Mode
Double Speed Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Line Output Dynamic Performance for VA = 1.8 V
Dynamic Range
(Note 6)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
TBD
TBD
-
-
91
94
89
92
-
-
-
-
TBD
TBD
-
-
89
92
87
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 6)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-80
-71
-31
-78
-69
-29
TBD
-
-
-
-
-
-
-
-
-
-
-
-80
-69
-29
-78
-67
-27
TBD
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
100
-
-
100
-
dB
Headphone Output Dynamic Performance for VA = VA_HP = 1.8 V
Dynamic Range
(Note 6)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
TBD
TBD
-
-
88
91
86
89
-
-
-
-
TBD
TBD
-
-
88
91
86
89
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 6)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-82
-68
-28
-80
-66
-26
TBD
-
-
-
-
-
-
-
-
-
-
-
-85
-68
-28
-83
-66
-26
TBD
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
66
-
-
66
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com