Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 18Page - Cirrus Logic CS42L50 Datasheet HTML 19Page - Cirrus Logic CS42L50 Datasheet HTML 20Page - Cirrus Logic CS42L50 Datasheet HTML 21Page - Cirrus Logic CS42L50 Datasheet HTML 22Page - Cirrus Logic CS42L50 Datasheet HTML 23Page - Cirrus Logic CS42L50 Datasheet HTML 24Page - Cirrus Logic CS42L50 Datasheet HTML 25Page - Cirrus Logic CS42L50 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
CS42L50
22
DS544PP1
4.1.17 Volume Control: Left Channel (address 04h) & Right Channel (address 05h)
Default = 0 (No attenuation)
Function:
The volume control allows the user to alter the signal level in 1 dB increments from +12 to -96 dB, when
the INDVC bit is disabled. When INDVC is enabled, the volume control can be altered in 1 dB increments
from 0 to -96dB. Volume settings are decoded as shown above, using a 2’s complement code. The vol-
ume changes are implemented as dictated by the Soft and Zero Cross bits in the Analog I/O Control reg-
ister. All volume settings less than -96dB are equivalent to muting the channel.
4.1.18 Left/Right Analog Gain (address 06h)
Default = 0 (No gain)
Function:
The level of the left and right analog channels can be adjusted in 1dB increments as dictated by the Soft
Ramp and Zero Cross bits from 0 to +12dB when routed through the PGA via the AINMUX bits. Levels
are decoded as shown above. Levels above +12dB are interpreted as +12dB.
765
4321
0
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
000
0000
0
Binary Code
Decimal Value
Volume Setting
00001010
12
+12 dB
00000111
7
+7 dB
00000000
0
0 dB
11000100
-60
-60 dB
10100110
-90
-90 dB
765
4321
0
LVOL3
LVOL2
LVOL1
LVOL0
RVOL3
RVOL2
RVOL1
RVOL0
000
0000
0
Binary Code
Decimal Value
Volume Setting
0000
0
0 dB
0010
2
+2 dB
1010
6
+6 dB
1001
9
+9 dB
1100
12
+12 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com