Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85162 Datasheet (PDF) - NXP Semiconductors

PCA85162 Datasheet PDF - NXP Semiconductors
Part # PCA85162
Download  PCA85162 Download
File Size   651.99 Kbytes
Page   51 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32 x 4 automotive LCD driver for low multiplex rates

PCA85162 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA85162 Datasheet PDF - NXP Semiconductors

Part # PCA85162
Download  PCA85162 Click to download

File Size   651.99 Kbytes
Page   51 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32 x 4 automotive LCD driver for low multiplex rates

PCA85162 Datasheet (HTML) - NXP Semiconductors


PCA85162 Product details

1 General description
The PCA85162 is a peripheral device which interfaces to almost any Liquid Crystal Display (LCD)1 with low
multiplex rates. It generates the drive signals for any static or multiplexed LCD containing up to four backplanes
and up to 32 segments. It can be easily cascaded for larger LCD applications. The PCA85162 is compatible
with most microcontrollers and communicates via the two-line bidirectional I2C-bus. Communication overheads
are minimized by a display RAM with auto-incremented addressing, by hardware subaddressing, and by display
memory switching (static and duplex drive modes).

2 Features and benefits
• AEC-Q100 compliant for automotive applications
• Single chip LCD controller and driver
• Selectable backplane drive configuration: static, 2, 3, or 4 backplane multiplexing
• Selectable display bias configuration: static, 1⁄2, or 1⁄3
• Internal LCD bias generation with voltage-follower buffers
• 32 segment drives:
– Up to 16 7-segment numeric characters
– Up to 8 14-segment alphanumeric characters
– Any graphics of up to 128 segments/elements
• 32 × 4-bit RAM for display data storage
• Display memory bank switching in static and duplex drive modes
• Versatile blinking modes
• Independent supplies possible for LCD and logic voltages
• Wide power supply range: from 1.8 V to 5.5 V
• Wide logic LCD supply range:
– From 2.5 V for low-threshold LCDs
– Up to 8.0 V for guest-host LCDs and high-threshold twisted nematic LCDs
• Low power consumption
• Extended temperature range up to 95 °C
• 400 kHz I2C-bus interface
• No external components required
• Manufactured in silicon gate CMOS process




Similar Part No. - PCA85162

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85162 NXP-PCA85162 Datasheet
403Kb / 46P
Universal LCD driver for low multiplex rates
Rev. 2-16 June 2011
PCA85162 NXP-PCA85162 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA85162T-Q900-1 NXP-PCA85162T-Q900-1 Datasheet
403Kb / 46P
Universal LCD driver for low multiplex rates
Rev. 2-16 June 2011
More results


Similar Description - PCA85162

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
LCD driver for low multiplex rates
1998 Jun 18
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
LCD driver for low multiplex rates
Rev. 1-23 November 2010
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
LCD driver for low multiplex rates
Rev. 1-8 December 2010
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCA85233 NXP-PCA85233 Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA85262 NXP-PCA85262 Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com