Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB110 Datasheet (PDF) - Vaisala

PTB110 Datasheet PDF - Vaisala
Part # PTB110
Download  PTB110 Download
File Size   1652.33 Kbytes
Page   2 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description BAROCAP Barometer PTB110

PTB110 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB110 Datasheet PDF - Vaisala

Part # PTB110
Download  PTB110 Click to download

File Size   1652.33 Kbytes
Page   2 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description BAROCAP Barometer PTB110

PTB110 Datasheet (HTML) - Vaisala


PTB110 Product details

Features
Vaisala BAROCAPâ sensor
Several pressure ranges
Accuracy ±0.3 hPa at +20 °C
Long-term stability
On/Off control with external
trigger
Output voltage 0 … 2.5 or
0 … 5 VDC
Current consumption less than
4 mA
Mountable on 35 mm wide DIN rail
Traceable calibration
(certificate included)

Applications
PTB110 is suitable for a variety of
applications, such as environmental
pressure monitoring, data buoys, laser
interferometers, and agriculture and
hydrology. The compact PTB110 is ideal
for data logger applications as it has low
power consumption. The external On/Off
control is practical when electricity
supply is limited.




Similar Part No. - PTB110

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
PTB12-10PS AIO-PTB12-10PS Datasheet
29Kb / 1P
thru bulkhead receptacle
logo
Insel Rectifier India P...
PTB1200 IRI-PTB1200 Datasheet
305Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
logo
celduc-relais
PTB13702 CELDUC-PTB13702 Datasheet
409Kb / 2P
MAGNETIC PROXIMITY SENSOR
More results


Similar Description - PTB110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5534B ETC-MS5534B Datasheet
1,015Kb / 21P
BAROMETER MODULE
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
BAROMETER MODULE
logo
Intersema Sensoric SA
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
BAROMETER MODULE
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
MINIATURE BAROMETER MODULE
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
MINIATURE BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
Vaisala
PTB330 VAISALA-PTB330 Datasheet
273Kb / 3P
BAROCAP Digital Barometer PTB330
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com