Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A1 Datasheet (PDF) - Freescale Semiconductor, Inc

MPL115A1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPL115A1
Download  MPL115A1 Download
File Size   125.22 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Miniature SPI Digital Barometer

MPL115A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPL115A1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPL115A1
Download  MPL115A1 Click to download

File Size   125.22 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Miniature SPI Digital Barometer

MPL115A1 Datasheet (HTML) - Freescale Semiconductor, Inc


MPL115A1 Product details

Miniature SPI Digital Barometer



The MPL115A1 is an absolute pressure sensor with a digital SPI output targeting low cost applications. A miniature 5 x 3 x 1.2 mm LGA package is ideally suited for the space constrained requirements of portable electronic devices. Low current consumptions of 5 μA during Active mode and 1 μA during Shutdown (Sleep) mode are essential when focusing on low-power applications. The wide operating temperature range spans from -40°C to +105°C to fit demanding environment conditions.



Features

• Digitized pressure and temperature information together with programmed calibration coefficients for host micro use.

• Factory calibrated

• 50 kPa to 115 kPa absolute pressure

• ±1 kPa accuracy

• 2.375V to 5.5V supply

• Integrated ADC

• SPI Interface

• Monotonic pressure and temperature data outputs

• Surface mount RoHS compliant package



Application Examples

• Barometry (portable and desktop)

• Altimeters

• Weather stations

• Hard-disk drives (HDD)

• Industrial equipment

• Health monitoring





• Air control systems




Similar Part No. - MPL115A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A1 NXP-MPL115A1 Datasheet
442Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 8.1 - 17 May 2024
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
944Kb / 2P
Digital barometric pressure sensor
REV 1
logo
NXP Semiconductors
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
MPL115A1S NXP-MPL115A1S Datasheet
441Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.3 - 17 May 2024
More results


Similar Description - MPL115A1

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
MINIATURE BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_10 Datasheet
216Kb / 8P
Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1_13 Datasheet
331Kb / 16P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
logo
Vaisala
PTB330 VAISALA-PTB330 Datasheet
273Kb / 3P
BAROCAP Digital Barometer PTB330
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com