Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPL115A1
Description  Miniature SPI Digital Barometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPL115A1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPL115A1
Sensors
2
Freescale Semiconductor
Pressure
Maximum Ratings
Voltage (with respect to GND unless otherwise noted)
VDD .............................................................................................................................. -0.3 V to +5.5 V
SCLK, CS, DIN, DOUT ................................................................................................. -0.3 V to VDD+0.3 V
Operating Temperature Range .................................................................................... -40°C to +105°C
Storage Temperature Range........................................................................................ -40°C to +125°C
Overpressure ............................................................................................................... 1000 kPa
Operating Characteristics
(VDD = 2.375 V to 5.5 V, TA = -40°C to +105°C, unless otherwise noted. Typical values are at VDD = 3.3 V, TA = +25°C.
Ref
Parameters
Symbol
Conditions
Min
Typ
Max
Units
1
Operating Supply Voltage
VDD
2.375
3.3
5.5
V
2
Supply Current
IDD
Shutdown (SHDN = GND)
—
—
1
μA
Standby
—
3.5
10
μA
Average – at one measurement per second
—
5
—
μA
Pressure Sensor
3
Range
50
—
115
kPa
4
Resolution
—0.15
—
kPa
5
Accuracy
-20ºC to 85ºC
—
±1
—
kPa
6
Conversion Time
(Start Pressure Convert)
tcp
Time between start convert command and
data available in the Pressure register
—0.6
0.7
ms
Temperature Sensor
7
Range
-40
—
105
ºC
8
Conversion Time
(Start Temperature Convert)
tct
Time between start convert command and
data available in the Temperature register
—0.6
0.7
ms
9
Conversion Time
(Start Both Convert)
tcb
Time between start convert command and
data available in the Pressure and
Temperature registers
—0.8
1
ms
10
Resolution
Temperature ADC is 472 counts at 25ºC
—
-5.35
—
counts/ºC
SPI Inputs: SCLK, CS, DIN
11
SCLK Clock Frequency
fSCLK
(1)
1. Nominal maximum SPI clock frequency.
——
8
MHz
12
Low Level Input Voltage
VIL
—
—
0.3VDD
V
13
High Level Input Voltage
VIH
0.7VDD
——
V
SPI Outputs: DOUT
14
Low Level Output Voltage
VOL1
At 3 mA sink current
0
—
0.4
V
VOL2
At 6 mA sink current
0
—
0.6
15
High Level Output Voltage
VOH1
At 3 mA source current
VDD – 0.4 V
—
—
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com