Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPL115A1
Description  Miniature SPI Digital Barometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPL115A1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPL115A1
Rev 3, 08/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Pressure
Miniature SPI Digital Barometer
The MPL115A1 is an absolute pressure sensor with digital output for low cost
applications. A miniature 5 x 3 x 1.2 mm LGA package ideally suits it for portable
electronics and space constrained applications. Low current consumptions of
5
μA during Active mode and 1 μA during Shutdown (Sleep) mode target battery
and other low-power applications. A wide operating temperature range from -40°C
to +105°C fits demanding environmental requirements.
MPL115A1 employs a MEMS pressure sensor with a conditioning IC to provide
accurate pressure measurement from 50 to 115 kPa. An integrated ADC provides
digitized temperature and pressure sensor outputs via a SPI port. Calibration Data
is stored in internal ROM. Utilizing raw sensor output, the host microcontroller
executes a compensation algorithm to render Compensated Absolute Pressure
with 1 kPa accuracy.
The MPL115A1 pressure sensor’s small form factor, low power capability,
precision, and digital output optimize it for barometric measurement applications.
Features
• Digitized pressure and temperature information together with programmed
calibration coefficients for host micro use.
• Factory Calibrated
• 50 kPa to 115 kPa Absolute Pressure
• 1 kPa Accuracy
• 2.375 V to 5.5 V Supply
• Integrated ADC
• SPI Interface
• Monotonic Pressure and Temperature Data Outputs
• Surface Mount RoHS Compliant Package
ORDERING INFORMATION
Device Name
Package Options
Case No.
# of Ports
Pressure Type
Digital
Interface
None
Single
Dual
Gauge
Differential
Absolute
MPL115A1T1
Tape & Reel
2015
•
•
SPI
Pin Description
PIN
NAME
FUNCTION
1
VDD
VDD Power Supply Connection.
2
CAP
External Capacitor
3
GND
Ground
4
SHDN
Shutdown (Sleep): Connect to GND to disable the device.
When in shut down the part draws < 1
μA supply current
5CS
CS: SPI Chip Select line.
6
DOUT
DOUT: Serial data output.
7
DIN
DIN: Serial data input.
8
SCLK
SPI Serial Clock Input.
MPL115A1
50 to 115 kPa
MPL115A1
5.0 mm X 3.0 mm X 1.2 mm MAX
LGA PACKAGE
1
DOUT
DIN
VDD
CAP
SHDN
GND
CS
SCLK
2
3
4
8
7
6
5
PIN CONNECTIONS
Application Examples
• Barometry (portable and desk-top)
• Altimeters
• Weather Stations
• Hard Disk-Drives (HDD)
• Industrial Equipment
• Health Monitoring
• Air Control Systems


Similar Part No. - MPL115A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A1 NXP-MPL115A1 Datasheet
442Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 8.1 - 17 May 2024
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
944Kb / 2P
Digital barometric pressure sensor
REV 1
logo
NXP Semiconductors
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
MPL115A1S NXP-MPL115A1S Datasheet
441Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.3 - 17 May 2024
More results

Similar Description - MPL115A1

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
MINIATURE BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_10 Datasheet
216Kb / 8P
Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1_13 Datasheet
331Kb / 16P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
logo
Vaisala
PTB330 VAISALA-PTB330 Datasheet
273Kb / 3P
BAROCAP Digital Barometer PTB330
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com