Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPL115A1
Description  Miniature SPI Digital Barometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPL115A1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPL115A1
Sensors
4
Freescale Semiconductor
Pressure
Coefficient Bit-Width Specs
The table below specifies the initial coefficient bit-width specs for the compensation algorithm.
Example Binary Format Definitions:
1.
Sign = 0, Integer Bits = 8, Fractional Bits = 4 :
Coeff = S I7 I6 I5 I4 I3 I2 I1 I0 . F3 F2 F1 F0
2.
Sign = 1, Integer Bits = 4, Fractional Bits = 7 :
Coeff = S I3 I2 I1 I0 . F6 F5 F4 F3 F2 F1 F0
3.
Sign = 0, Integer Bits = 0, Fractional Bits = 6, dec pt zero pad = 2 : Coeff = S 0 . 0 0 F5 F4 F3 F2 F1 F0
4.
Sign = 0, Integer Bits = 0, Fractional Bits = 5, dec pt zero pad = 3 : Coeff = S 0 . 0 0 0 F4 F3 F2 F1 F0
NOTE: Negative coefficients (Sign = 1) are coded in 2’s complement notation.
Coefficient Address Map
For coefficients with less than 16 bits, the lower lsbs are zero. For example, c11 is 11 bits and is stored into 2 bytes as follows:
c11 MS byte = c11[10:3] = [c11b10 , c11b9 , c11b8 , c11b7 , c11b6 , c11b5 , c11b4 , c11b3]
NOTE: c11 LS byte = c11[2:0] & “00000” = [c11b2 , c11b1 , c11b0 , 0 , 0 , 0 , 0 , 0]
10-bit Output: Compensation Coefficient Specs
Total
Coeff.
Bits
a0
b1
b2
c12
c11
c22
Total Bits
16
16
16
14
11
11
84
Sign Bits
1
1
1
1
1
1
Integer Bits
12
2
1
0
0
0
Fractional Bits
3
13
14
13
11
10
dec pt zero pad
—
—
—
9
11
15
Address
Coefficient
$04
a0 MS Byte
$05
a0 LS Byte
$06
b1 MS Byte
$07
b1 LS Byte
$08
b2 MS Byte
$09
b2 LS Byte
$0A
c12 MS Byte
$0B
c12 LS Byte
$0C
c11 MS Byte
$0D
c11 LS Byte
$0E
c22 MS Byte
$0F
c22 LS Byte



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com