Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-RS Datasheet (PDF) - Leadshine Technology Co., Ltd.

ICS-RS Datasheet PDF - Leadshine Technology Co., Ltd.
Part # ICS-RS
Download  ICS-RS Download
File Size   601.04 Kbytes
Page   7 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description iCS-RS Series Integrated Steppwe Motor

ICS-RS Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS-RS Datasheet PDF - Leadshine Technology Co., Ltd.

Part # ICS-RS
Download  ICS-RS Click to download

File Size   601.04 Kbytes
Page   7 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description iCS-RS Series Integrated Steppwe Motor

ICS-RS Datasheet (HTML) - Leadshine Technology Co., Ltd.


ICS-RS Product details

Feature
Low noise and vibration, smooth motion
Support Modbus RTU protocol, Internal 16 segment position Commands
Motion can be started by External IO or RS485 or HMI
S upport operation modes: Profile Position, Profile Velocity, Homing
7 configurable digital inputs, 3 optically isolated digital outputs
14 bit sing le turn incremental encoder
iCS RS17xx: 20 36VDC supply voltage, max output current 3.0 A peak
iCS RS23xx: 2 0 50VDC supply voltage, max output current 7.0A peak
RS232 port for tuning software connection, RS485 port for motion control
Protections for over voltage, over current , etc.




Similar Part No. - ICS-RS

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
ICS-R372 LANNER-ICS-R372 Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
ICS-R372A LANNER-ICS-R372A Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
ICS-R372B LANNER-ICS-R372B Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
More results


Similar Description - ICS-RS

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
Stepping Motor Driver ICs
MTD2003F SHINDENGEN-MTD2003F Datasheet
417Kb / 2P
Stepping Motor Driver ICs
MTD2005 SHINDENGEN-MTD2005 Datasheet
445Kb / 2P
Stepping Motor Driver ICs
MTD1361F SHINDENGEN-MTD1361F Datasheet
92Kb / 4P
Stepper Motor Driver ICs
logo
Sanken electric
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
Motor Driver ICs
logo
Leadshine Technology Co...
ICS LEADSHINE-ICS Datasheet
683Kb / 7P
iCS Series Integrated Stepper Motor
IEM-RS LEADSHINE-IEM-RS Datasheet
640Kb / 7P
iEM-RS SERIES INTEGRATED STEPPER MOTOR
IEM LEADSHINE-IEM Datasheet
689Kb / 6P
iEM-RS SERIES INTEGRATED STEPPER MOTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com