Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-RS Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # ICS-RS
Description  iCS-RS Series Integrated Steppwe Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS-RS Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  ICS-RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS-RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet of iCS-RS Series Integrated Stepper Motor
www.leadshine.com
1
iCS-RS Series Integrated Stepper Motor
iCS-RS Series is integrated stepper motor with 14-bit magnetic
encoder based on standard Modbus RTU protocol, using RS485
communication can network up to 31 axes. Its built-in PR
feature with 16-segment position table (PR Mode) can save
additional controllers in most of point-to-point applications, to
greatly enhance system reliability and reduce the cost.
The iCS-RS series motors are highly reliable, affordable and
excellent in many industrial applications such as solar equipment,
textile, civil, robotics, power generation equipment, 3C,
packaging...
Feature
 Low noise and vibration, smooth motion
 Support Modbus RTU protocol, Internal 16-segment position Commands
 Motion can be started by External IO or RS485 or HMI
 Support operation modes: Profile Position, Profile Velocity, Homing
 7 configurable digital inputs, 3 optically isolated digital outputs
 14-bit single-turn incremental encoder
 iCS-RS17xx: 20-36VDC supply voltage, max output current 3.0A peak
iCS-RS23xx: 20-50VDC supply voltage, max output current 7.0A peak
 RS232 port for tuning software connection, RS485 port for motion control
 Protections for over voltage, over current, etc.
Compare with Step/Direction
Built-in single-axis control can save the PLC in most of point-to-point applications to reduce cost;
Built-in rich diagnostic functions and input and output signals to setup easily;
Modbus brings more expansion possibility to add value;


Similar Part No. - ICS-RS

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
ICS-R372 LANNER-ICS-R372 Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
ICS-R372A LANNER-ICS-R372A Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
ICS-R372B LANNER-ICS-R372B Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
More results

Similar Description - ICS-RS

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
Stepping Motor Driver ICs
MTD2003F SHINDENGEN-MTD2003F Datasheet
417Kb / 2P
Stepping Motor Driver ICs
MTD2005 SHINDENGEN-MTD2005 Datasheet
445Kb / 2P
Stepping Motor Driver ICs
MTD1361F SHINDENGEN-MTD1361F Datasheet
92Kb / 4P
Stepper Motor Driver ICs
logo
Sanken electric
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
Motor Driver ICs
logo
Leadshine Technology Co...
ICS LEADSHINE-ICS Datasheet
683Kb / 7P
iCS Series Integrated Stepper Motor
IEM-RS LEADSHINE-IEM-RS Datasheet
640Kb / 7P
iEM-RS SERIES INTEGRATED STEPPER MOTOR
IEM LEADSHINE-IEM Datasheet
689Kb / 6P
iEM-RS SERIES INTEGRATED STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com