Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1476897 Datasheet (PDF) - PHOENIX CONTACT

1476897 Datasheet PDF - PHOENIX CONTACT
Part # 1476897
Download  1476897 Download
File Size   433.87 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-P12MR/ 5,0-PUR SH - Sensor/actuator cable

1476897 Datasheet (PDF)

Go To PDF Page Download Datasheet
1476897 Datasheet PDF - PHOENIX CONTACT

Part # 1476897
Download  1476897 Click to download

File Size   433.87 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-P12MR/ 5,0-PUR SH - Sensor/actuator cable

1476897 Datasheet (HTML) - PHOENIX CONTACT


1476897 Product details

Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, shielded (Advanced
Shielding Technology), Plug straight M12 Push Pull, coding: A, connected with unwired, on free
cable end, cable length: 5 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1476897

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476890 PHOENIX-1476890 Datasheet
2Mb / 8P
SAC-5P- 5,0-PUR/P12FS SH - Sensor/actuator cable
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476893 PHOENIX-1476893 Datasheet
2Mb / 8P
SAC-5P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476895 PHOENIX-1476895 Datasheet
433Kb / 8P
SAC-5P-P12MR/10,0-PUR SH - Sensor/actuator cable
1476898 PHOENIX-1476898 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
More results


Similar Description - 1476897

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407789 PHOENIX-1407789 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 5,0-PUR/FS SH SCO
1224229 PHOENIX-1224229 Datasheet
2Mb / 5P
Sensor/actuator cable - SAC-5P-P12MR/ 1,5-PUR/P12FS
01/13/2022
1476800 PHOENIX-1476800 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
1476802 PHOENIX-1476802 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476899 PHOENIX-1476899 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476798 PHOENIX-1476798 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1476846 PHOENIX-1476846 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1476885 PHOENIX-1476885 Datasheet
1Mb / 8P
SAC-5P- 5,0-PUR/P12FR SH - Sensor/actuator cable
1224256 PHOENIX-1224256 Datasheet
2Mb / 9P
SAC-5P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1476898 PHOENIX-1476898 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com