Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1476846 Datasheet (PDF) - PHOENIX CONTACT

1476846 Datasheet PDF - PHOENIX CONTACT
Part # 1476846
Download  1476846 Download
File Size   318.48 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-P12MR/ 5,0-PUR SH - Sensor/actuator cable

1476846 Datasheet (PDF)

Go To PDF Page Download Datasheet
1476846 Datasheet PDF - PHOENIX CONTACT

Part # 1476846
Download  1476846 Click to download

File Size   318.48 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-P12MR/ 5,0-PUR SH - Sensor/actuator cable

1476846 Datasheet (HTML) - PHOENIX CONTACT


1476846 Product details

Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded (Advanced
Shielding Technology), Plug angled M12 Push Pull, coding: A, on free cable end, cable length: 5m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1476846

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476840 PHOENIX-1476840 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FR SH - Sensor/actuator cable
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476842 PHOENIX-1476842 Datasheet
313Kb / 7P
SAC-4P- 5,0-PUR/P12FS SH - Sensor/actuator cable
1476843 PHOENIX-1476843 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476844 PHOENIX-1476844 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FS SH - Sensor/actuator cable
More results


Similar Description - 1476846

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1521986 PHOENIX-1521986 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M 8FR SH
09/11/2020
1476802 PHOENIX-1476802 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476798 PHOENIX-1476798 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476853 PHOENIX-1476853 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 5,0-PUR SH - Sensor/actuator cable
1476838 PHOENIX-1476838 Datasheet
313Kb / 7P
SAC-4P- 5,0-PUR/P12FR SH - Sensor/actuator cable
1476897 PHOENIX-1476897 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 5,0-PUR SH - Sensor/actuator cable
1224204 PHOENIX-1224204 Datasheet
380Kb / 8P
SAC-4P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1476842 PHOENIX-1476842 Datasheet
313Kb / 7P
SAC-4P- 5,0-PUR/P12FS SH - Sensor/actuator cable
1476848 PHOENIX-1476848 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com