Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP30212 Datasheet (PDF) - Electronic Components Ltd.

CP30212 Datasheet PDF - Electronic Components Ltd.
Part # CP30212
Download  CP30212 Download
File Size   294.12 Kbytes
Page   1 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description DUAL USB-C Female-Male FEEDTHROUGH CONNECTOR

CP30212 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP30212 Datasheet PDF - Electronic Components Ltd.

Part # CP30212
Download  CP30212 Click to download

File Size   294.12 Kbytes
Page   1 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description DUAL USB-C Female-Male FEEDTHROUGH CONNECTOR

CP30212 Datasheet (HTML) - Electronic Components Ltd.


CP30212 Product details

l No soldering or punch termination. Use standard cable for each connector style.
l Front or rear mounted.
l Low rear profile
Feedthrough Features
l Fits standard XLR Ø24mm cutout.




Similar Part No. - CP30212

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30212M3B CLIFF-CP30212M3B Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30212M3B CLIFF-CP30212M3B Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30212MB CLIFF-CP30212MB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30212MB CLIFF-CP30212MB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results


Similar Description - CP30212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Neutrik AG
NA3FDM NEUTRIK-NA3FDM Datasheet
85Kb / 3P
XLR female-male feedthrough adapter for panel mount
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
logo
Electronic Components L...
CP30200G CLIFF-CP30200G Datasheet
468Kb / 1P
HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
CP30201 CLIFF-CP30201 Datasheet
306Kb / 1P
FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30211 CLIFF-CP30211 Datasheet
291Kb / 1P
USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
CP30288 CLIFF-CP30288 Datasheet
462Kb / 1P
8K HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
05/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com