Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP30288 Datasheet (PDF) - Electronic Components Ltd.

CP30288 Datasheet PDF - Electronic Components Ltd.
Part # CP30288
Download  CP30288 Download
File Size   462.17 Kbytes
Page   1 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description 8K HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR

CP30288 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP30288 Datasheet PDF - Electronic Components Ltd.

Part # CP30288
Download  CP30288 Click to download

File Size   462.17 Kbytes
Page   1 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description 8K HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR

CP30288 Datasheet (HTML) - Electronic Components Ltd.


CP30288 Product details

Feedthrough Features
Fits standard XLR Ø24mm cutout.
No soldering or punch termination. Use standard cable for
each connector style.
Front or rear mounted.
Low rear profile




Similar Part No. - CP30288

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30285 CLIFF-CP30285 Datasheet
202Kb / 1P
DUST COVERS
CP30285 CLIFF-CP30285 Datasheet
194Kb / 1P
DUST COVERS
CP30285 CLIFF-CP30285 Datasheet
1Mb / 1P
DUST COVERS
CP30285L CLIFF-CP30285L Datasheet
194Kb / 1P
DUST COVERS
CP30285L CLIFF-CP30285L Datasheet
1Mb / 1P
DUST COVERS
More results


Similar Description - CP30288

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
100042MA019SX05ZA SUYIN-USA-100042MA019SX05ZA Datasheet
228Kb / 2P
HDMI Vertical SMT Type Female Connector
100042MD019SX06ZA SUYIN-USA-100042MD019SX06ZA Datasheet
175Kb / 2P
HDMI Solder Type Female Connector
100098FD019SX02ZA SUYIN-USA-100098FD019SX02ZA Datasheet
167Kb / 2P
HDMI Solder Type Female Connector
logo
Neutrik AG
NADB9FF NEUTRIK-NADB9FF Datasheet
68Kb / 2P
9 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB9FF-B NEUTRIK-NADB9FF-B Datasheet
67Kb / 2P
9 pole D-SUB feedthrough, female to female, black D-shape housing
NADB15FF-B NEUTRIK-NADB15FF-B Datasheet
87Kb / 2P
15 pole D-SUB feedthrough, female to female, black D-shape housing
logo
Electronic Components L...
CP30200G CLIFF-CP30200G Datasheet
468Kb / 1P
HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
CP30201 CLIFF-CP30201 Datasheet
306Kb / 1P
FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30211 CLIFF-CP30211 Datasheet
291Kb / 1P
USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
CP30212 CLIFF-CP30212 Datasheet
294Kb / 1P
DUAL USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com