Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE354 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE354 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE354
Download  EE354 Download
File Size   1231.5 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Dew Point Sensor down to -20 °C Td (-4 °F Td)

EE354 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE354 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE354
Download  EE354 Click to download

File Size   1231.5 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Dew Point Sensor down to -20 °C Td (-4 °F Td)

EE354 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE354 Product details

Features
Enclosure
▪ IP65 / NEMA 4X protection rating
▪ Stainless steel 1.4404
Measurement performance
▪ Dew point, frost point,
volume concentration
▪ Dew point measurement range
-20...+50 °C (-4...+122 °F)
▪ Accuracy ±1 °C (±1.8 °F)
▪ Condensation resistant
Outputs
▪ Current output 4 - 20 mA,
wide scaling range
▪ Modbus RTU
▪ Industrial M12x1 connector
Process connection
▪ Stainless steel
▪ G 1/2" ISO or 1/2" NPT
▪ Pressure rating 80 bar (1 160 psi)




Similar Part No. - EE354

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
EE355 EPLUSE-EE355 Datasheet
936Kb / 8P
Dew Point Sensor down to -60 °C Td (-76 °F Td)
07-2023
logo
YUXIANG Magnetc materia...
EE35A YUXIANG-EE35A Datasheet
59Kb / 2P
EE Core
More results


Similar Description - EE354

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886 Datasheet
355Kb / 14P
TD-SCDMA Power Amplifier
logo
fujitsu semiconductor
FAR-F6KA-2G0175-D4DR FUJITSU-FAR-F6KA-2G0175-D4DR Datasheet
201Kb / 5P
TD-SCDMA
logo
Agilent(Hewlett-Packard...
E6835A HP-E6835A Datasheet
224Kb / 4P
TD-SCDMA Calibration Application
logo
EPCOS
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
SAW filter TD-SCDMA
logo
E-SWITCH
TD1104 E-SWITCH-TD1104 Datasheet
274Kb / 2P
SERIES TD SWITCHES
logo
RF Micro Devices
RF9812 RFMD-RF9812 Datasheet
181Kb / 2P
TD-SCDMA Compliant
logo
Keysight Technologies
M9079A KEYSIGHT-M9079A Datasheet
3Mb / 9P
M9079A TD-SCDMA
logo
Murata Manufacturing Co...
SAFEA2G01MA0F0A MURATA1-SAFEA2G01MA0F0A Datasheet
276Kb / 8P
SAW FILTER FOR TD-SCDMA/TD-LTE B34 (Post-PA)
Feb. 11, 2020
logo
E+E Elektronik Ges.m.b....
EE355 EPLUSE-EE355 Datasheet
936Kb / 8P
Dew Point Sensor down to -60 °C Td (-76 °F Td)
07-2023
EE371 EPLUSE-EE371 Datasheet
1Mb / 9P
Compact Dew Point Sensor
06-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com