Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE371 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE371 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE371
Download  EE371 Download
File Size   1189.24 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Compact Dew Point Sensor

EE371 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE371 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE371
Download  EE371 Click to download

File Size   1189.24 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Compact Dew Point Sensor

EE371 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE371 Product details

Features
Outputs
▪ Two voltage or current outputs
▪ Industrial connector
DIN VDE 0627 / IEC 61984
Measurement performance
▪ Dew point / frost point temperature,
Volume concentration
▪ Measuring range -60...+60 °C Td (-76...+140 °F Td)
▪ Accuracy of measurement ±2 °C Td (±3.6 °F Td)
▪ Auto-calibration
Configurable and adjustable
▪ Service interface
▪ Free EE-PCS
Product Configuration Software
Enclosure
▪ IP65 protection rating
▪ AlSi9Cu3 (Aluminium die-cast)
▪ Swirling front end
Process connection
▪ Stainless steel
▪ G 1/2" ISO or 1/2" NPT
▪ Pressure rating 20 bar (290 psi)
or 100 bar (1 450 psi)




Similar Part No. - EE371

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
EE3-F03 DIT-EE3-F03 Datasheet
920Kb / 2P
EMI/EMC FILTER
EE3-F06 DIT-EE3-F06 Datasheet
920Kb / 2P
EMI/EMC FILTER
EE3-F10 DIT-EE3-F10 Datasheet
920Kb / 2P
EMI/EMC FILTER
logo
List of Unclassifed Man...
EE30/40 ETC1-EE30/40 Datasheet
151Kb / 1P
MARSCHNER Transformers
EE30/40/10.5 ETC1-EE30/40/10.5 Datasheet
151Kb / 1P
MARSCHNER Transformers
More results


Similar Description - EE371

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDS05 ETC-MDS05 Datasheet
84Kb / 2P
Dew sensor
MDS10 ETC-MDS10 Datasheet
73Kb / 2P
Dew sensor
logo
FOTEK CONTROLS CO., LTD...
DPM-1 FOTEK-DPM-1 Datasheet
1Mb / 6P
DEW POINT BUMIDITY METER
logo
PLASTIC PROCESS EQUIPME...
8072A PPE-8072A Datasheet
1Mb / 20P
Portable Dew Point Monitor
February 2017
logo
Vaisala
DMP8 VAISALA-DMP8 Datasheet
544Kb / 3P
DMP8 Dew Point and Temperature Probe
DMT152 VAISALA-DMT152 Datasheet
200Kb / 2P
DMT152 Dew Point Transmitter
DMT340 VAISALA-DMT340 Datasheet
1Mb / 6P
DMT340 Series Dew Point and Temperature Transmitters
DPT146 VAISALA-DPT146 Datasheet
326Kb / 2P
DPT146 Dew Point and Pressure Transmitter
logo
E+E Elektronik Ges.m.b....
EE354 EPLUSE-EE354 Datasheet
1Mb / 8P
Dew Point Sensor down to -20 °C Td (-4 °F Td)
07-2023
EE355 EPLUSE-EE355 Datasheet
936Kb / 8P
Dew Point Sensor down to -60 °C Td (-76 °F Td)
07-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com