Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE381 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE381 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE381
Download  EE381 Download
File Size   2306.71 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Moisture in Oil Sensor

EE381 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE381 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE381
Download  EE381 Click to download

File Size   2306.71 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Moisture in Oil Sensor

EE381 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE381 Product details

Features
Measurement performance
▪ Water activity, water content, temperature
▪ Oil temperature -40...+120 °C (-40...+248 °F)
▪ Suitable for transformer, lubrication and
hydraulic oil, as well as for diesel fuel
Outputs
▪ Two voltage or current outputs
▪ Industrial connector
DIN VDE 0627 / IEC 61984
Configurable and adjustable
▪ Service interface
▪ Free EE-PCS
Product Configuration Software
Enclosure
▪ IP65 protection rating
▪ Aluminium die-cast (AlSi9Cu3)
▪ Swirling front end
Process connection
▪ Stainless steel
▪ G 1/2" ISO or 1/2" NPT
▪ Pressure rating 20 bar (290 psi)
or 100 bar (1 450 psi)




Similar Part No. - EE381

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE38 ETC1-EE38 Datasheet
151Kb / 1P
MARSCHNER Transformers
EE38/51 ETC1-EE38/51 Datasheet
151Kb / 1P
MARSCHNER Transformers
EE38/51/10 ETC1-EE38/51/10 Datasheet
151Kb / 1P
MARSCHNER Transformers
EE38/51/13 ETC1-EE38/51/13 Datasheet
151Kb / 1P
MARSCHNER Transformers
EE38/51/17 ETC1-EE38/51/17 Datasheet
151Kb / 1P
MARSCHNER Transformers
More results


Similar Description - EE381

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SPSXF001PET ONSEMI-SPSXF001PET Datasheet
130Kb / 6P
Smart Passive Sensor for Indirect Moisture Sensing
March, 2019 ??Rev. 1
SPSXM001FOM ONSEMI-SPSXM001FOM Datasheet
113Kb / 6P
Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 0
SPSXM002PET ONSEMI-SPSXM002PET Datasheet
123Kb / 6P
Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 1
logo
SparkFun Electronics
SEN-13637 SPARKFUN-SEN-13637 Datasheet
171Kb / 2P
SparkFun Soil Moisture Sensor (with Screw Terminals)
7??0??7
logo
Vaisala
MMT162 VAISALA-MMT162 Datasheet
230Kb / 2P
MMT162 Moisture and Temperature Transmitter for Oil
MMT310 VAISALA-MMT310 Datasheet
1Mb / 3P
MMT310 Series Moisture and Temperature Transmitters for Oil
MMT330 VAISALA-MMT330 Datasheet
3Mb / 5P
MMT330 Series Moisture and Temperature Transmitters for Oil
logo
E+E Elektronik Ges.m.b....
EE360 EPLUSE-EE360 Datasheet
1Mb / 11P
High-End Moisture in Oil Sensor
09-2023
EE364 EPLUSE-EE364 Datasheet
986Kb / 9P
Moisture in Oil Sensor
01-2024
MOP301 EPLUSE-MOP301 Datasheet
1Mb / 10P
Digital Moisture in Oil Immersion Probe up to 120 °C (248 °F)
11-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com