Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOP301 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

MOP301 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # MOP301
Download  MOP301 Download
File Size   1631.45 Kbytes
Page   10 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Digital Moisture in Oil Immersion Probe up to 120 °C (248 °F)

MOP301 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOP301 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # MOP301
Download  MOP301 Click to download

File Size   1631.45 Kbytes
Page   10 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Digital Moisture in Oil Immersion Probe up to 120 °C (248 °F)

MOP301 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


MOP301 Product details

Features
Measurement Performance
▪ High mesurement accuracy:
- Water activity aw
- Temperature T
▪ Suitable for transformer, lubrication and hydraulic oil
▪ Calculation of water content x [ppm]
▪ Temperature range: -40...+120 °C (-40...+248 °F)
▪ Temperature compensation
Mechanical Construction
▪ Stainless steel enclosure and filter cap
▪ Pressure tight up to 20 bar
▪ Process connection with ISO or NPT sliding fitting
▪ IP66 rating
Interface and Connection
▪ RS485 with Modbus RTU
▪ Oil resistant cable
▪ Moulded M12x1 connector




Similar Part No. - MOP301

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Power Mate Technology C...
MOP03-05D05A P-DUKE-MOP03-05D05A Datasheet
479Kb / 5P
DC-DC CONVERTER
logo
RSG Electronic Componen...
MOP03-05D05AB RSG-MOP03-05D05AB Datasheet
193Kb / 4P
REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Power Mate Technology C...
MOP03-05D12A P-DUKE-MOP03-05D12A Datasheet
479Kb / 5P
DC-DC CONVERTER
logo
RSG Electronic Componen...
MOP03-05D12AB RSG-MOP03-05D12AB Datasheet
193Kb / 4P
REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
More results


Similar Description - MOP301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GUVC-T11GC-4LW11 ETC-GUVC-T11GC-4LW11 Datasheet
291Kb / 1P
UV-C sensor probe
GUVC-T11GC-I7LW11 ETC-GUVC-T11GC-I7LW11 Datasheet
295Kb / 1P
UV-C sensor probe
logo
Wurth Elektronik GmbH &...
140357145200 WURTH-140357145200 Datasheet
2Mb / 12P
General Information: Operating Temperature -55 up to 110 °C Storage Conditions (for single parts) -55 up to 125 °C Storage Conditions (in original packaging) < 40 °C ; < 75 % RH Moisture Sensitivity Level (MSL) 1
001.003
logo
Vaisala
MMT162 VAISALA-MMT162 Datasheet
230Kb / 2P
MMT162 Moisture and Temperature Transmitter for Oil
MMT310 VAISALA-MMT310 Datasheet
1Mb / 3P
MMT310 Series Moisture and Temperature Transmitters for Oil
MMT330 VAISALA-MMT330 Datasheet
3Mb / 5P
MMT330 Series Moisture and Temperature Transmitters for Oil
logo
E+E Elektronik Ges.m.b....
EE360 EPLUSE-EE360 Datasheet
1Mb / 11P
High-End Moisture in Oil Sensor
09-2023
EE364 EPLUSE-EE364 Datasheet
986Kb / 9P
Moisture in Oil Sensor
01-2024
EE381 EPLUSE-EE381 Datasheet
2Mb / 8P
Moisture in Oil Sensor
08-2023
HTP501 EPLUSE-HTP501 Datasheet
1Mb / 8P
Digital Humidity and Temperature Probe up to 120 °C (248 °F)
05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com