Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOP301 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # MOP301
Description  Digital Moisture in Oil Immersion Probe up to 120 °C (248 °F)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

MOP301 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  MOP301 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H MOP301 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H MOP301 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H MOP301 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H MOP301 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H MOP301 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H MOP301 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H MOP301 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H MOP301 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Datasheet MOP301
v1.1 / Modification rights reserved | 4
Features
The moisture in oil can be expressed in absolute or relative terms.
▪
Water activity aw is the relative measure for moisture in oil. It represents the ratio between the actual amount of
dissolved water and the maximum possible amount of dissolved water in the oil at a certain temperature. Independently
of the oil type, the water activity shows how close to saturation the oil is at any moment in time. aw = 0 indicates
completely dry oil, while aw = 1 fully saturated oil. MOP301 measures the water activity directly.
▪ The
water content x is an absolute measure for the amount of water in the oil (dissolved, emulsified or separated).
The water content is usually expressed in ppm or mg water/kg oil and it is independent from the oil temperature. For
assessing the degree of saturation, x must be regarded together with T. MOP301 calculates x based on the measured
aw and T values. The calculation is oil dependent and requires a set of oil specific parameters. E+E offers the service of
determining the oil specific parameters, see section “Ordering Guide” below. The parameters can be set upon order or
uploaded to MOP301 using the PCS10 Product Configuration Software.
Measurement of water activity aw / water content x
In certain applications, the oil can become corrosive over time, for example due to continuous contamination of lubricating
oils by salt water in the maritime environment. In such demanding applications, the E+E proprietary protection of the
sensing element leads can significantly extend the service life of the sensor.
Sensor Leads Protection
The MOP301 is compatible with the Sigma 05 host device of the E+E Modular Sensor Platform. Together they become a
versatile, plug-and-play aw / x modular sensor with analogue outputs and optional display. Besides MOP301,
Sigma 05 accommodates also other E+E intelligent sensing probes. See www.epluse.com/sigma05 for further details.
Sigma 05 with MOP301
E+E Modular Sensor Platform



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com