Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP501 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

HTP501 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # HTP501
Download  HTP501 Download
File Size   1201.79 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Digital Humidity and Temperature Probe up to 120 °C (248 °F)

HTP501 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTP501 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # HTP501
Download  HTP501 Click to download

File Size   1201.79 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Digital Humidity and Temperature Probe up to 120 °C (248 °F)

HTP501 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


HTP501 Product details

Features
RH and T sensing head
▪ Very robust
▪ Protected by E+E proprietary coating
▪ Optional sensor leads protection
▪ Outstanding long term stability
▪ Wide choice of filter caps
Measurement Performance
▪ High RH / T accuracy
▪ Wide T range: - 40...120 °C (- 40...248 °F)
▪ Temperature compensation
▪ Calculated parameters
▪ Dew point temperature (Td)
▪ Frost point temperature (Tf)
▪ Wet bulb temperature (Tw)
▪ Ice bulb temperature (Ti)
▪ Water vapour partial pressure (e)
▪ Mixing ratio (r)
▪ Absolute humidity (dv)
▪ Specific enthalpy (h)
▪ Configurable pressure compensation
Mechanical construction
▪ Stainless steel enclosure
▪ IP66 rating
▪ Protected electronics
Interface and connection
▪ RS485 with Modbus RTU
▪ Moulded M12x1 connector
▪ Flexible high temperature cable
▪ User configurable and adjustable
▪ Free configuration software




Similar Part No. - HTP501

ManufacturerPart #DatasheetDescription
logo
Picker Components
HTP50 PICKER-HTP50 Datasheet
415Kb / 1P
Heat Transfer Pad
logo
ABB
HTP500-BA4 ABB-HTP500-BA4 Datasheet
459Kb / 4P
Connexion Accessories for Starting Solutions Accessories for AF09 ... AF38 3-pole Contactors
logo
List of Unclassifed Man...
HTP50NPV ETC-HTP50NPV Datasheet
40Kb / 2P
PCB Mounting Hall Effect Current Transformer Type HTP50NPV
More results


Similar Description - HTP501

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
HMP113 VAISALA-HMP113 Datasheet
195Kb / 3P
Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
HMP9 VAISALA-HMP9 Datasheet
599Kb / 3P
Compact Humidity and Temperature Probe
logo
E+E Elektronik Ges.m.b....
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Digital Interface
03-2023
MOP301 EPLUSE-MOP301 Datasheet
1Mb / 10P
Digital Moisture in Oil Immersion Probe up to 120 °C (248 °F)
11-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com