Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP501 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # HTP501
Description  Digital Humidity and Temperature Probe up to 120 °C (248 °F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP501 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  HTP501 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet HTP501
v1.2 / Modification rights reserved | 4
Features
Sensor Leads Protection
In certain very aggressive applications, the combination of sensor coating and additional protection of the sensing element
leads can significantly extend the service life of the sensor. Please contact your E+E representative for details.
E+E Modular Sensor Platform
The HTP501 is compatible with the Sigma 05 host device of the E+E Modular Sensor Platform. Together they become
a versatile, plug-and-play RH / T sensor with interchangeable probe, analogue outputs and optional display. Besides
HTP501, Sigma 05 accommodates also other E+E intelligent sensing probes.
See www.epluse.com/sigma05 for further details.
The E+E proprietary sensor coating is a protective layer applied to the sensing elements, their leads and soldering points.
The coating substantially extends sensor lifetime and ensures optimal measurement performance in corrosive environment
(salts, off-shore applications). Additionally, it improves the sensors’ long term stability in dusty, dirty or oily applications by
preventing stray impedance caused by deposits on the active sensor surface or on the electrical connections.
Protective Sensor Coating
Sigma 05 with HTP501



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com