Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP501 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # HTP501
Description  Digital Humidity and Temperature Probe up to 120 °C (248 °F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP501 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  HTP501 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Datasheet HTP501
v1.2 / Modification rights reserved | 2
HTP501
The HTP501 is ideal for reliable and cost effective measurement of relative humidity (RH) and temperature (T) in
demanding industrial process control applications. Besides the measurement of RH and T, the HTP501 calculates all
humidity related physical quantities like dew point temperature (Td), absolute humidity (dv) or mixing ratio (r).
Outstanding Measurement Performance
The probe employs a high end E+E humidity sensing element which stands for high RH measurement accuracy over the
entire T working range -40...120 °C (-40...248 °F). The E+E proprietary coating of the sensing element leads to exceptional
long term stability even in harsh environment.
Versatile and Robust
With its stainless steel probe, protected electronics, IP66 rating and filter caps choice, the HTP501 is suitable for a wide
range of demanding applications.
RS485 Interface
The measured data is available on the RS485 interface with Modbus RTU protocol via flexible high temperature cable with
moulded M12 connector.
Configurable and Adjustable
The free PCS10 Product Configuration Software and the optional adapter facilitate the setup and adjustment of the HTP501.
Digital Humidity and Temperature Probe up to 120 °C (248 °F)
HTP501



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com