Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP501 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # HTP501
Description  Digital Humidity and Temperature Probe up to 120 °C (248 °F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP501 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  HTP501 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP501 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Datasheet HTP501
v1.2 / Modification rights reserved | 3
Features
UG-AND-PL
SIGMA
Inspection certificate
According DIN EN 10204-3.1
RH and T sensing head
▪ Very robust
▪ Protected by E+E proprietary coating
▪ Optional sensor leads protection
▪ Outstanding long term stability
▪ Wide choice of filter caps
Measurement Performance
▪ High RH / T accuracy
▪ Wide T range: - 40...120 °C (- 40...248 °F)
▪ Temperature compensation
▪ Calculated parameters
▪ Dew point temperature (Td)
▪ Frost point temperature (Tf)
▪ Wet bulb temperature (Tw)
▪ Ice bulb temperature (Ti)
▪ Water vapour partial pressure (e)
▪ Mixing ratio (r)
▪ Absolute humidity (dv)
▪ Specific enthalpy (h)
▪ Configurable pressure compensation
Mechanical construction
▪ Stainless steel enclosure
▪ IP66 rating
▪ Protected electronics
Interface and connection
▪ RS485 with Modbus RTU
▪ Moulded M12x1 connector
▪ Flexible high temperature cable
▪ User configurable and adjustable
▪ Free configuration software



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com