Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE772 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE772 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE772
Download  EE772 Download
File Size   1955.17 Kbytes
Page   12 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Multifunctional Flow Sensor for Compressed Air and Gases

EE772 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE772 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE772
Download  EE772 Click to download

File Size   1955.17 Kbytes
Page   12 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Multifunctional Flow Sensor for Compressed Air and Gases

EE772 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE772 Product details

Features
Probe with hot-film sensing element
▪ Robust design in stainless steel
▪ Highly insensitive to contamination
▪ Broad working range of 1:400
▪ High accuracy ±1.5 % of reading
▪ Long-term stablility and
high reproducibility
▪ Factory adjustment under pressure
Consumption metering
▪ Consumption meter (totalizer)
for cost-effective analysis
▪ Counter value on the display
▪ Stored in non-volatile memory
▪ Available on pulse output
Display
▪ Shows actual, min / max values
and overall consumption
▪ Layout with 1 or 2 lines
Hot tap valve
▪ Mount and de-mount
under pressure
▪ Pressure rating 40 bar (580 psi)
Measurands
▪ Standard volume flow (V'n)
▪ Mass flow (m')
▪ Standard flow (vn)
▪ Temperature (T)
▪ Consumption (Qn)
Output
▪ User configurable via PC
▪ 0 - 10 V / 4 - 20 mA output
▪ Two switch outputs
▪ Pulse output
▪ Modbus RTU
▪ M-Bus
Gauge mounting block
▪ Optional combination with
p and Td sensors via
quick coupling
▪ Fail-safe alignment of sensing unit
▪ Best accuracy due to precise and
reproducible positioning of the
sensing head




Similar Part No. - EE772

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
EE771 EPLUSE-EE771 Datasheet
2Mb / 11P
Flow Sensor for Compressed Air and Gases DN15 (1/2") - DN50 (2")
05-2023
EE776 EPLUSE-EE776 Datasheet
1Mb / 13P
Insertion Flow Sensor for Compressed Air and Gases DN50 - DN700 (2" - 28")
11-2023
More results


Similar Description - EE772

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
logo
TT Electronics.
DS1173 TTELEC-DS1173 Datasheet
304Kb / 1P
Compressed Air Flow Meter
logo
E+E Elektronik Ges.m.b....
EE741 EPLUSE-EE741 Datasheet
1Mb / 12P
Inline Flow Sensor for Compressed Air and Gases
03-2023
EE771 EPLUSE-EE771 Datasheet
2Mb / 11P
Flow Sensor for Compressed Air and Gases DN15 (1/2") - DN50 (2")
05-2023
EE776 EPLUSE-EE776 Datasheet
1Mb / 13P
Insertion Flow Sensor for Compressed Air and Gases DN50 - DN700 (2" - 28")
11-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com