Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE741 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE741 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE741
Download  EE741 Download
File Size   1562.43 Kbytes
Page   12 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Inline Flow Sensor for Compressed Air and Gases

EE741 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE741 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE741
Download  EE741 Click to download

File Size   1562.43 Kbytes
Page   12 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Inline Flow Sensor for Compressed Air and Gases

EE741 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE741 Product details

Features
Display
▪ Shows instantaneous values and overall consumption
▪ Intuitive device setup with pushbuttons
▪ Rotation in 90° increments for convenient readability
in any mounting position
Sensing unit
▪ One for each three pipe diameters
▪ Installation and removal without
disassembling the pipework
facilitates regular calibration
▪ Best accuracy due to applicationspecific
adjustment under pressure
Interfaces
▪ User configurable via display or PC
▪ 0 - 20 / 4 - 20 mA output
▪ Two switch outputs
▪ Pulse output
▪ Modbus RTU
▪ M-Bus
▪ IO-Link
Measurands
▪ Standard volume flow [m3/h, m3/min,
l/min, l/s, SCFM]
▪ Mass flow [kg/h, kg/min ]
▪ Standard flow [m/s, SFPM]
▪ Temperature [°C, °F]
▪ Integrated consumption meter
(totalisator) for cost-effective
consumption analysis without
additional data logger
Sensing head with hot film sensor
▪ Robust design in stainless steel
▪ Very short response time
▪ Wide measuring range
▪ Long-term stable and accurate
▪ Negligible pressure drop
▪ Highly insensitive to contamination
▪ No additional pressure and
temperature compensation required




Similar Part No. - EE741

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
EE75 EPLUSE-EE75 Datasheet
1Mb / 9P
Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
03-2023
EE771 EPLUSE-EE771 Datasheet
2Mb / 11P
Flow Sensor for Compressed Air and Gases DN15 (1/2") - DN50 (2")
05-2023
EE772 EPLUSE-EE772 Datasheet
1Mb / 12P
Multifunctional Flow Sensor for Compressed Air and Gases
06-2023
EE776 EPLUSE-EE776 Datasheet
1Mb / 13P
Insertion Flow Sensor for Compressed Air and Gases DN50 - DN700 (2" - 28")
11-2023
More results


Similar Description - EE741

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
logo
TT Electronics.
DS1173 TTELEC-DS1173 Datasheet
304Kb / 1P
Compressed Air Flow Meter
logo
E+E Elektronik Ges.m.b....
EE771 EPLUSE-EE771 Datasheet
2Mb / 11P
Flow Sensor for Compressed Air and Gases DN15 (1/2") - DN50 (2")
05-2023
EE772 EPLUSE-EE772 Datasheet
1Mb / 12P
Multifunctional Flow Sensor for Compressed Air and Gases
06-2023
EE776 EPLUSE-EE776 Datasheet
1Mb / 13P
Insertion Flow Sensor for Compressed Air and Gases DN50 - DN700 (2" - 28")
11-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com