Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE75 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE75 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE75
Download  EE75 Download
File Size   1564.26 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Highly Accurate Air / Gas Velocity Sensor for Industrial Applications

EE75 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE75 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE75
Download  EE75 Click to download

File Size   1564.26 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Highly Accurate Air / Gas Velocity Sensor for Industrial Applications

EE75 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE75 Product details

Features
EE75 Sensor
▪ Highly accurate over the entire working range
▪ Combined v and T measurement
▪ Integrated T compensation
▪ Optional display with backlight and menu buttons
▪ Easy mounting and maintenance
▪ Voltage or current output, selectable
▪ Low-flow suppression
▪ Calculation of volume flow V'
EE75 Sensing Head and Probe
▪ Measuring range from -40 °C (-40 °F) up
to 120 °C (248 °F) and 10 bar (145 psi)
▪ Accurate measurement of air flows from
0.06 m/s up to 40 m/s (12...8000 ft/min)
▪ Low angular dependency
▪ Long-term stable
Application Specific Design
▪ Duct mount and remote probe types with
different probe lengths
▪ Pressure tight remote probes up to 10 bar (145 psi)
▪ Various cable lengths for remote probe types
▪ Process connection with stainless steel flange
or G 1/2" ISO / 1/2" NPT thread
Adjustment and Configuration
▪ v and T adjustment
▪ Scalable measuring range
▪ Selectable output signal
▪ Response time
▪ Calulation of volume flow




Similar Part No. - EE75

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
EE741 EPLUSE-EE741 Datasheet
1Mb / 12P
Inline Flow Sensor for Compressed Air and Gases
03-2023
EE771 EPLUSE-EE771 Datasheet
2Mb / 11P
Flow Sensor for Compressed Air and Gases DN15 (1/2") - DN50 (2")
05-2023
EE772 EPLUSE-EE772 Datasheet
1Mb / 12P
Multifunctional Flow Sensor for Compressed Air and Gases
06-2023
EE776 EPLUSE-EE776 Datasheet
1Mb / 13P
Insertion Flow Sensor for Compressed Air and Gases DN50 - DN700 (2" - 28")
11-2023
More results


Similar Description - EE75

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-V03A1 OMRON-D6F-V03A1_10 Datasheet
336Kb / 4P
MEMS Air Velocity Sensor
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Infineon Technologies A...
TLE4928 INFINEON-TLE4928 Datasheet
277Kb / 2P
Highly accurate differential Hall sensor for crankshaft and transmission applications
08/2013
logo
Maxim Integrated Produc...
MAX71020AEVK1 MAXIM-MAX71020AEVK1 Datasheet
1Mb / 17P
Highly Accurate AFE for Testing
Rev 0; 6/15
logo
Renesas Technology Corp
FS3000 RENESAS-FS3000 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
FS1015 RENESAS-FS1015 Datasheet
483Kb / 11P
Air Velocity Sensor Module
Jun 2, 2022
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
EE660 EPLUSE-EE660 Datasheet
1Mb / 9P
Low Air Velocity Sensor
05-2023
EE680 EPLUSE-EE680 Datasheet
1Mb / 10P
Air Velocity and Temperature Sensor for Laminar Flow
03-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com