Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE660 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE660 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE660
Download  EE660 Download
File Size   1311.16 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Low Air Velocity Sensor

EE660 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE660 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE660
Download  EE660 Click to download

File Size   1311.16 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Low Air Velocity Sensor

EE660 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE660 Product details

Features
Display
▪ Large, easily readable
▪ With backlight
▪ 180° orientation
Bayonet screws
▪ Open / closed with a ¼ rotation
Smooth cover surface
▪ No accumulation of dust
in protruding edges
Adjustment configuration
▪ Measuring range
▪ Response time
▪ RS485 Setup
▪ Termination resistor
External mounting holes
▪ Easy and fast mounting with
closed cover
▪ Electronics protected against
construction site pollution
Electronics on the underside of the board
▪ Optimum protection against mechanical
damage during installation
E+E flow sensor element
▪ Excellent accuracy
▪ Long-term stability
▪ Low sensitivity to pollution
▪ Low angular dependency




Similar Part No. - EE660

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE6 YUXIANG-EE6 Datasheet
59Kb / 2P
EE Core
logo
E+E Elektronik Ges.m.b....
EE600 EPLUSE-EE600 Datasheet
1Mb / 9P
Differential Pressure Sensor
11-2022
EE610 EPLUSE-EE610 Datasheet
1Mb / 8P
Low Differential Pressure Sensor
03-2023
logo
Connor-Winfield Corpora...
EE64-511 CONNOR-WINFIELD-EE64-511 Datasheet
55Kb / 1P
16 PIN DIP 3.3V PECL
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
More results


Similar Description - EE660

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-V03A1 OMRON-D6F-V03A1_10 Datasheet
336Kb / 4P
MEMS Air Velocity Sensor
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Renesas Technology Corp
FS3000 RENESAS-FS3000 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
FS1015 RENESAS-FS1015 Datasheet
483Kb / 11P
Air Velocity Sensor Module
Jun 2, 2022
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
DUCT AIR VELOCITY TRANSMITTER
03/20
logo
E+E Elektronik Ges.m.b....
EE576 EPLUSE-EE576 Datasheet
826Kb / 7P
Probe for Very Low Air Velocity
01-2023
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
EE671 EPLUSE-EE671 Datasheet
1Mb / 8P
HVAC Air Velocity Probe
08-2023
EE680 EPLUSE-EE680 Datasheet
1Mb / 10P
Air Velocity and Temperature Sensor for Laminar Flow
03-2023
EE75 EPLUSE-EE75 Datasheet
1Mb / 9P
Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
03-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com