Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1015 Datasheet (PDF) - Renesas Technology Corp

FS1015 Datasheet PDF - Renesas Technology Corp
Part # FS1015
Download  FS1015 Download
File Size   483.16 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Air Velocity Sensor Module

FS1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS1015 Datasheet PDF - Renesas Technology Corp

Part # FS1015
Download  FS1015 Click to download

File Size   483.16 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Air Velocity Sensor Module

FS1015 Datasheet (HTML) - Renesas Technology Corp


FS1015 Product details

Features
■ Robust “solid” isolation technology
■ Resistant to vibration and pressure shock
■ Analog output
■ Supply voltage: 5V
■ Module operating temperature range: -20°C to +85°C

Applications
■ HVAC and air control systems
■ Data center and servers
■ Air filtration and collection systems
■ Laminar flow control systems




Similar Part No. - FS1015

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
FS101-300L-00-2UPN8-H1141 TURCK-FS101-300L-00-2UPN8-H1141 Datasheet
162Kb / 4P
Flow Sensor
11/07/2023
FS101-300L-04-2UPN8-H1141 TURCK-FS101-300L-04-2UPN8-H1141 Datasheet
787Kb / 4P
Flow Sensor
11/07/2023
FS101-300L-16-2UPN8-H1141 TURCK-FS101-300L-16-2UPN8-H1141 Datasheet
187Kb / 4P
Flow Sensor
11/07/2023
FS101-300L-30-2LI-H1141 TURCK-FS101-300L-30-2LI-H1141 Datasheet
798Kb / 4P
Flow Sensor
11/07/2023
FS101-300L-30-2UPN8-H1141 TURCK-FS101-300L-30-2UPN8-H1141 Datasheet
812Kb / 4P
Flow Sensor
11/07/2023
More results


Similar Description - FS1015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAF1005 ETC2-SAF1005 Datasheet
103Kb / 3P
SAF Series Air Velocity Switch
logo
Omron Electronics LLC
D6F-V03A1 OMRON-D6F-V03A1_10 Datasheet
336Kb / 4P
MEMS Air Velocity Sensor
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Renesas Technology Corp
FS3000 RENESAS-FS3000 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
DUCT AIR VELOCITY TRANSMITTER
03/20
logo
E+E Elektronik Ges.m.b....
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
EE660 EPLUSE-EE660 Datasheet
1Mb / 9P
Low Air Velocity Sensor
05-2023
EE671 EPLUSE-EE671 Datasheet
1Mb / 8P
HVAC Air Velocity Probe
08-2023
EE680 EPLUSE-EE680 Datasheet
1Mb / 10P
Air Velocity and Temperature Sensor for Laminar Flow
03-2023
EE75 EPLUSE-EE75 Datasheet
1Mb / 9P
Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
03-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com