Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1015 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FS1015
Description  Air Velocity Sensor Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1015 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FS1015 Datasheet HTML 3Page - Renesas Technology Corp FS1015 Datasheet HTML 4Page - Renesas Technology Corp FS1015 Datasheet HTML 5Page - Renesas Technology Corp FS1015 Datasheet HTML 6Page - Renesas Technology Corp FS1015 Datasheet HTML 7Page - Renesas Technology Corp FS1015 Datasheet HTML 8Page - Renesas Technology Corp FS1015 Datasheet HTML 9Page - Renesas Technology Corp FS1015 Datasheet HTML 10Page - Renesas Technology Corp FS1015 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FS1015 Datasheet
R36DS0008EU0100 Rev.1.00
Jun 2, 2022
Page 7
4.
I2C Sensor Interface
The FS1015 includes a digital I2C two-wire interface with a bidirectional data line (SDA) and a clock line (SCL).
The two lines are open drain and connected to the supply voltage using two pull-up resistors (Rp). The FS1015
operates as a slave device on the I2C bus with support for 100kHz and 400kHz bit rates.
Figure 5. I2C Master-Slave Configuration
The recommended pull-up resistor (Rp) values depend on the system implementation, but a value between
2.2kΩ and 10kΩ can be used.
The capacitive load on both SDA and SCL should be the same, therefore, the signal lengths should be similar to
avoid asymmetry.
4.1
Sensor Slave Address
The FS1015 default I2C address is 50HEX. The device will respond only to this 7-bit address.
4.2
I2C Communication
The START condition is used to initiate I2C communication by the master. The sensor transmission is initiated
when the master sends a 0 START bit (S). A HIGH-to-LOW transition on the SDA line while the SCL is HIGH
indicates the beginning of a transmission.
The STOP condition is used to stop I2C communication by the master. The transmission is terminated when the
master sends a 1 STOP bit (P). A LOW-to-HIGH transition on the SDA line while the SCL is HIGH indicates the
end of a transmission.
All transfers consist of 8 bits and a response bit: 0 for Acknowledge (ACK) or 1 for Not Acknowledge (NACK).
After the ACK is received, another data byte can be transferred or the communication can be stopped with a
STOP bit.
The master expects an ACK back from the slave after each byte is transmitted. The slave pulls the SDA low to
indicate that it has received a byte and then it frees the I2C bus again. If the slave does not initiate an ACK, then
it will consider it a NACK.
Data on the SDA line is always sampled on the rising edge of the SCL line and must remain stable while SCL is
HIGH to prevent false START or STOP conditions.
START Condition
STOP Condition
STOP
SDA
SCL
SDA
SCL
START
Figure 6. START and STOP Condition Waveform
I2C MAIN
MASTER
I2C
SLAVE
SDA
SCL
Rp
Rp
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com