Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1015 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS1015
Description  Air Velocity Sensor Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1015 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS1015 Datasheet HTML 1Page - Renesas Technology Corp FS1015 Datasheet HTML 2Page - Renesas Technology Corp FS1015 Datasheet HTML 3Page - Renesas Technology Corp FS1015 Datasheet HTML 4Page - Renesas Technology Corp FS1015 Datasheet HTML 5Page - Renesas Technology Corp FS1015 Datasheet HTML 6Page - Renesas Technology Corp FS1015 Datasheet HTML 7Page - Renesas Technology Corp FS1015 Datasheet HTML 8Page - Renesas Technology Corp FS1015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FS1015 Datasheet
R36DS0008EU0100 Rev.1.00
Jun 2, 2022
Page 4
2.
Specifications
2.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the FS1015 at absolute maximum ratings is not
implied. Exposure to absolute maximum rating conditions may affect device reliability.
Table 1. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VIN
Supply Voltage
5.5
V
TSTOR
Storage Temperature
-20
85
°C
2.2
Recommended Operating Conditions
The FS1015 is optimized for operating at 5V in room temperature. A regulated 5V supply voltage must be used
to conform to the output curves provided. Variations in the supply voltage will result in a slightly different output
curve.
Table 2. Recommended Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VIN
Supply Voltage
5.0
V
TAMB
Ambient Operating Temperature
-20
85
°C
2.3
Electrical Characteristics
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
IVIN
Current Consumption
22
mA
FAIR
Air Flow Range
FS1015-1005
0
7.23
meter/
sec
FS1015-1015
0
15
VAOUT
Analog Voltage Output
Min to Max of Flow Range
0.5
4.5
V
VDOUT
Digital Output
Min to Max of Flow Range
409
3686
Counts
EAIR
Flow Accuracy
At 25°C
5
% of
F.S.[1]
tRESP
Response Time
125
ms
fSCL
SCL Clock Frequency
400
kHz
VIL
I2C Input Logic Low Threshold
0.3VDD or
1.5
V
VIH
I2C Input Logic High Threshold
0.7VDD or 3
V
VOL
I2C Output Logic Low Threshold
0.4
V
1.
F.S: Full scale flow range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com