Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1015 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # FS1015
Description  Air Velocity Sensor Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1015 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button FS1015 Datasheet HTML 3Page - Renesas Technology Corp FS1015 Datasheet HTML 4Page - Renesas Technology Corp FS1015 Datasheet HTML 5Page - Renesas Technology Corp FS1015 Datasheet HTML 6Page - Renesas Technology Corp FS1015 Datasheet HTML 7Page - Renesas Technology Corp FS1015 Datasheet HTML 8Page - Renesas Technology Corp FS1015 Datasheet HTML 9Page - Renesas Technology Corp FS1015 Datasheet HTML 10Page - Renesas Technology Corp FS1015 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FS1015 Datasheet
R36DS0008EU0100 Rev.1.00
Jun 2, 2022
Page 9
The 256-modulo (8-bit) sum is calculated as:
(EQ) 1
������������������������=0��������01+0��������99+0��������01+0��������99=0��������134
Validating the data payload is done by calculating the sum and adding it to the checksum. If the result is 0x00
then the data is valid.
(EQ) 2
��������ℎ������������������������������������������������+������������������������=0�������������������������+0��������134=0��������00
5.
Package Outline Drawings
Figure 9. Package Outline Drawings
6.
Ordering Information
Part Number
Package Description
Carrier Type
Temperature Range
FS1015-1005
0 to 7 m/sec air velocity module
Box
-20°C to +85°C
FS1015-1015
0 to 15 m/sec air velocity module
Box



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com