Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1015 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FS1015
Description  Air Velocity Sensor Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1015 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FS1015 Datasheet HTML 1Page - Renesas Technology Corp FS1015 Datasheet HTML 2Page - Renesas Technology Corp FS1015 Datasheet HTML 3Page - Renesas Technology Corp FS1015 Datasheet HTML 4Page - Renesas Technology Corp FS1015 Datasheet HTML 5Page - Renesas Technology Corp FS1015 Datasheet HTML 6Page - Renesas Technology Corp FS1015 Datasheet HTML 7Page - Renesas Technology Corp FS1015 Datasheet HTML 8Page - Renesas Technology Corp FS1015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
FS1015
Air Velocity Sensor Module
R36DS0008EU0100 Rev.1.00
Jun 2, 2022
Page 1
© 2022 Renesas Electronics
The FS1015 mass air velocity module measures the
air velocity using the thermo-transfer (calorimetric)
principle.
The FS1015 offers key advantages over resistor-
based flow solutions. The sensor uses thermopile
sensing, which provides an excellent signal-to-noise
ratio. The sensor comprises a “solid” thermal
isolation technology and silicon-carbide coating to
protect it from abrasive wear and provides
robustness and long-term reliability.
The FS1015 design allows it to be mounted in a
vertical or horizontal position.
Features
■
Robust “solid” isolation technology
■
Resistant to vibration and pressure shock
■
Analog output
■
Supply voltage: 5V
■
Module operating temperature range: -20°C to
+85°C
Applications
■
HVAC and air control systems
■
Data center and servers
■
Air filtration and collection systems
■
Laminar flow control systems
Figure 1. FS1015 Air Velocity Module


Similar Part No. - FS1015

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
FS101-300L-00-2UPN8-H1141 TURCK-FS101-300L-00-2UPN8-H1141 Datasheet
162Kb / 4P
Flow Sensor
11/07/2023
FS101-300L-04-2UPN8-H1141 TURCK-FS101-300L-04-2UPN8-H1141 Datasheet
787Kb / 4P
Flow Sensor
11/07/2023
FS101-300L-16-2UPN8-H1141 TURCK-FS101-300L-16-2UPN8-H1141 Datasheet
187Kb / 4P
Flow Sensor
11/07/2023
FS101-300L-30-2LI-H1141 TURCK-FS101-300L-30-2LI-H1141 Datasheet
798Kb / 4P
Flow Sensor
11/07/2023
FS101-300L-30-2UPN8-H1141 TURCK-FS101-300L-30-2UPN8-H1141 Datasheet
812Kb / 4P
Flow Sensor
11/07/2023
More results

Similar Description - FS1015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAF1005 ETC2-SAF1005 Datasheet
103Kb / 3P
SAF Series Air Velocity Switch
logo
Omron Electronics LLC
D6F-V03A1 OMRON-D6F-V03A1_10 Datasheet
336Kb / 4P
MEMS Air Velocity Sensor
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Renesas Technology Corp
FS3000 RENESAS-FS3000 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
DUCT AIR VELOCITY TRANSMITTER
03/20
logo
E+E Elektronik Ges.m.b....
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
EE660 EPLUSE-EE660 Datasheet
1Mb / 9P
Low Air Velocity Sensor
05-2023
EE671 EPLUSE-EE671 Datasheet
1Mb / 8P
HVAC Air Velocity Probe
08-2023
EE680 EPLUSE-EE680 Datasheet
1Mb / 10P
Air Velocity and Temperature Sensor for Laminar Flow
03-2023
EE75 EPLUSE-EE75 Datasheet
1Mb / 9P
Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
03-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com