Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE671 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE671 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE671
Download  EE671 Download
File Size   1153.04 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description HVAC Air Velocity Probe

EE671 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE671 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE671
Download  EE671 Click to download

File Size   1153.04 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description HVAC Air Velocity Probe

EE671 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE671 Product details

Features
Flange (in the scope of supply)
▪ Enables precise setting of the immersion
depth.
▪ Easy and quick mounting
▪ Ø12 mm (0.47")
▪ Material: PA6-GF30 (Polyamide - glass fiber)
Sensing Element
▪ High accuracy
▪ State-of-the-art
▪ E+E thin-film technology
▪ Transfer molding technology
▪ Insensitive to contamination
▪ Very robust
Connection
▪ RS485 with Modbus RTU
▪ Voltage output: 0 - 10 V
Configurable and adjustable
▪ Free PCS10 Product Configuration Software
Probe
▪ IP54 protection rating
▪ PC (Polycarbonate)
Probe head
▪ IP50 protection rating
▪ PC (Polycarbonate)




Similar Part No. - EE671

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE6 YUXIANG-EE6 Datasheet
59Kb / 2P
EE Core
logo
E+E Elektronik Ges.m.b....
EE600 EPLUSE-EE600 Datasheet
1Mb / 9P
Differential Pressure Sensor
11-2022
EE610 EPLUSE-EE610 Datasheet
1Mb / 8P
Low Differential Pressure Sensor
03-2023
logo
Connor-Winfield Corpora...
EE64-511 CONNOR-WINFIELD-EE64-511 Datasheet
55Kb / 1P
16 PIN DIP 3.3V PECL
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
More results


Similar Description - EE671

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAF1005 ETC2-SAF1005 Datasheet
103Kb / 3P
SAF Series Air Velocity Switch
logo
Omron Electronics LLC
D6F-V03A1 OMRON-D6F-V03A1_10 Datasheet
336Kb / 4P
MEMS Air Velocity Sensor
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Renesas Technology Corp
FS3000 RENESAS-FS3000 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
FS1015 RENESAS-FS1015 Datasheet
483Kb / 11P
Air Velocity Sensor Module
Jun 2, 2022
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
DUCT AIR VELOCITY TRANSMITTER
03/20
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
EE576 EPLUSE-EE576 Datasheet
826Kb / 7P
Probe for Very Low Air Velocity
01-2023
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
EE660 EPLUSE-EE660 Datasheet
1Mb / 9P
Low Air Velocity Sensor
05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com