Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE8915 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE8915 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE8915
Download  EE8915 Download
File Size   1125.6 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description CO2 Sensor for Railway Applications

EE8915 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE8915 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE8915
Download  EE8915 Click to download

File Size   1125.6 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description CO2 Sensor for Railway Applications

EE8915 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE8915 Product details

Features
Output configuration
▪ Voltage and current output
▪ M12 connector or fix installed
cable
▪ User configurable and adjustable
▪ USB configuration interface
Enclosure
▪ IP65 protection rating
▪ UL94 V-0 approved material
▪ Easy mounting without opening the device
Measurement performance
▪ E+E dual wavelength NDIR auto calibration
▪ T and p compensation with on-board sensors
▪ CO2 range 0...2 000 / 5 000 / 10 000 ppm
▪ T range -40...+60 °C (-40...+140 °F)
▪ Short response time




Similar Part No. - EE8915

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE8 YUXIANG-EE8 Datasheet
59Kb / 2P
EE Core
logo
List of Unclassifed Man...
EE80251B1-0000-A99 ETC-EE80251B1-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
logo
Sunon Fans
EE80251B1-0000-A99 SUNON-EE80251B1-0000-A99 Datasheet
73Kb / 1P
33~45 CFM
logo
List of Unclassifed Man...
EE80251B2-0000-999 ETC-EE80251B2-0000-999 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
logo
Sunon Fans
EE80251B2-0000-999 SUNON-EE80251B2-0000-999 Datasheet
73Kb / 1P
33~45 CFM
More results


Similar Description - EE8915

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
Interface Connector for Railway Applications
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
Ethernet remote I/O for railway applications
logo
Zhengzhou Winsen Electr...
MG-812 WINSEN-MG-812 Datasheet
534Kb / 6P
Low Power-Consumption CO2 Sensor
MH-410D WINSEN-MH-410D Datasheet
343Kb / 8P
NDIR Infrared CO2 Gas Sensor
MH-Z19C WINSEN-MH-Z19C Datasheet
1Mb / 7P
Infrared CO2 Sensor Module
logo
Sensirion AG Switzerlan...
SCD30 SENSIRION-SCD30 Datasheet
572Kb / 8P
CO2, humidity, and temperature sensor
Version 1.0
logo
E+E Elektronik Ges.m.b....
CDS201 EPLUSE-CDS201 Datasheet
1Mb / 9P
Room Sensor for CO2, Temperature and Relative Humidity
10-2023
EE240 EPLUSE-EE240 Datasheet
1Mb / 14P
Wireless Sensor Network for Humidity, Temperature and CO2
10-2023
EE820 EPLUSE-EE820 Datasheet
1Mb / 7P
CO2 Sensor for Demanding Applications
05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com