Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE8915 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # EE8915
Description  CO2 Sensor for Railway Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE8915 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  EE8915 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE8915 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE8915 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE8915 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE8915 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE8915 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE8915 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE8915 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE8915 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet EE8915
v1.9 / Modification rights reserved | 4
Dimensions
Values in mm (inch)
Wall mount
Type:T1
Connection
Refer to
ordering guide
98 (3.86)
Ø4.5
(0.18)
26 (1.02)
85 (3.35)
Connection
Refer to
ordering guide
Duct mount
Type:T2
Connection
Refer to
ordering guide
98 (3.86)
Ø4.5
(0.18)
85 (3.35)
Ø12 (0.47)
L in mm (inch)
L1 in mm (inch)
207.7 (8.18)
178.7 (7.04)
57.7 (2.27)
28.7 (1.30)
Connection
Refer to
ordering guide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com